công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTSEP1204KF-R82M

  • AI
    ## Technical Overview: CTSEP1204KF-R82M The **CTSEP1204KF-R82M** is a high-current, shielded power inductor manufactured by **Central Technologies**. It belongs to a class of surface-mount (SMD) components designed for high-efficiency power conversion applications. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's specifications: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CTSEP** | Series Name | High Current Shielded Power Inductor | | **1204** | Case Size | Approx. 13.5mm x 12.5mm x 4.0mm | | **KF** | Core Material | Composite Iron Powder (High Saturation) | | **R82** | Inductance Value | **0.82 µH** (R denotes decimal point) | | **M** | Tolerance | **±20%** | --- ### 2. Key Technical Specifications This inductor is engineered for high-performance DC-DC converters and voltage regulator modules (VRMs). | Property | Value | | :--- | :--- | | **Inductance** | 0.82 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR) Max** | ~2.5 mΩ (Approximate for this series/value) | | **Saturation Current ($I_{sat}$)** | ~30A - 40A (Inductance drops by ~20-30%) | | **Heat Rating Current ($I_{rms}$)** | ~20A - 25A (Temperature rise of ~40°C) | | **Operating Temperature** | -55°C to +125°C | | **Shielding** | Magnetic Shielded (Low EMI) | --- ### 3. Electronic Characteristics and Benefits * **Molded Construction:** The part is manufactured using a composite powder mold. This provides a "soft saturation" characteristic, meaning the inductance doesn't drop off instantly when current spikes, protecting the circuit. * **Low EMI:** Because the winding is completely enclosed in a magnetic metal powder, the magnetic leakage is extremely low. This is critical for preventing interference with nearby sensitive components on a PCB. * **High Power Density:** The 1204 size combined with very low DCR (Direct Current Resistance) allows it to handle massive amounts of current with minimal heat generation (power loss). --- ### 4. Typical Applications * **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery. * **DC-DC Converters:** High-frequency switching power supplies. * **Battery Powered Systems:** Where efficiency and low heat are vital. * **Automotive/Industrial:** Robust design for harsh electrical environments. --- ### 5. Implementation Example In a typical buck converter circuit, this inductor is used as the energy storage element: ```spice * Simple Representation of Buck Stage Vin ---- [Switch/MOSFET] ----+---- [Inductor: R82] ---- Vout | | [Diode] [Capacitor] | | GND GND ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers from other manufacturers like Vishay or Coilcraft?
    • ⤷ How does the 'soft saturation' of this inductor compare to ferrite core inductors?
    • ⤷ What is the recommended solder profile for the 1204 case size?