CTS1F-R22J
AI

The **CTS1F-R22J** is a high-reliability shielded radial leaded inductor commonly used in noise filtering and energy storage applications. It is manufactured by companies like **Central Technologies**.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.22 µH (Microhenries) |
| **Tolerance** | ±5% (indicated by the 'J' suffix) |
| **Type** | Shielded Radial Choke |
| **Core Material** | Ferrite |
| **Operating Temperature** | -55°C to +125°C |
---
## 2. Part Number Breakdown
To understand the electronic capabilities, we can deconstruct the code:
1. **CTS1F**: Series designation (Shielded Radial Inductor, small form factor).
2. **R22**: The inductance value. "R" acts as a decimal point. $R22 = 0.22$ µH.
3. **J**: Tolerance code. $J = \pm 5\%$. (Other common codes include K=10%, M=20%).
---
## 3. Key Electronic Features
* **Shielding:** The "Shielded" construction means the magnetic field is contained within the component. This is critical for high-density PCB designs to prevent **Electromagnetic Interference (EMI)** with neighboring components.
* **Radial Leaded:** Unlike Surface Mount Devices (SMD), this part has "legs" (leads) that go through holes in the PCB. This provides a stronger mechanical bond, making it suitable for environments with high vibration.
* **High Q Factor:** These inductors are designed to have low losses at high frequencies, making them efficient for signal processing.
---
## 4. Common Applications
Due to its low inductance (0.22 µH), this part is typically used in high-frequency circuits:
* **Decoupling:** Filtering out high-frequency noise from power supply lines.
* **RF Circuits:** Used in oscillators and high-frequency signal filters.
* **DC/DC Converters:** Acts as a small energy storage element in compact power modules.
* **EMI/RFI Suppression:** Protecting sensitive electronics from radio frequency interference.
---
- ⤷
What are the physical dimensions of the CTS1F series?
- ⤷ What is the maximum current rating (Irms) for this specific inductor?
- ⤷ How does a shielded inductor compare to a non-shielded one in terms of performance?