công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTS1F-R18J

  • AI
    ### Overview of CTS1F-R18J The **CTS1F-R18J** is a specific type of passive electronic component, specifically a **Molded Unshielded RF Inductor**. It is designed for high-frequency applications where precise inductance and reliability are required. --- ### Technical Specifications Below are the primary technical parameters for the CTS1F-R18J: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.18 µH (Microhenries) | | **Tolerance** | ±5% (indicated by the 'J' suffix) | | **Case Style** | Axial Leaded (Molded) | | **Core Material** | Phenolic (Non-magnetic) | | **Self-Resonant Frequency (Min)** | 600 MHz | | **DC Resistance (Max)** | 0.25 Ohms | | **Rated Current (Max)** | 680 mA | --- ### Key Features * **Molded Construction:** The internal winding is protected by a molded epoxy resin, providing high environmental protection and physical durability. * **High Q Factor:** Designed to maintain high quality factors at radio frequencies, ensuring minimal energy loss. * **Operating Temperature:** Typically rated to operate between **-55°C to +125°C**, making it suitable for industrial and military-grade applications. * **Color Coding:** Often uses standard military/industrial color bands to denote inductance value and tolerance. --- ### Part Number Breakdown Understanding the nomenclature helps in identifying variants: 1. **CTS1F:** The series designation (Molded Axial Inductor). 2. **R18:** The inductance value. The 'R' acts as a decimal point ($0.18$). 3. **J:** The tolerance code. $J = \pm5\%$, $K = \pm10\%$, $M = \pm20\%$. --- ### Typical Applications * **RF Tuning:** Used in resonant circuits for radio transmitters and receivers. * **Signal Filtering:** Employed in low-pass, high-pass, or band-pass filters to block unwanted high-frequency noise. * **Decoupling:** Used in power supply lines to prevent high-frequency signals from affecting other parts of the circuit. * **Impedance Matching:** Essential in antenna circuitry to ensure maximum power transfer.
    ✨ Follow-up Questions
    • ⤷ What are the differences between a phenolic core and a ferrite core inductor?
    • ⤷ Can this inductor be used in surface mount (SMD) applications?
    • ⤷ How does the 'Q factor' impact the performance of the CTS1F-R18J in a filter?