CTPH-16-R/Q
AI

The **CTPH-16-R/Q** is a high-performance, shielded common mode choke (inductor) typically used in power supply filtering and signal line noise suppression. It is part of a series designed for high-density mounting and electromagnetic interference (EMI) reduction.
---
### 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics typical for this component series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Common Mode Choke / EMI Filter |
| **Mounting Type** | Surface Mount (SMD) |
| **Inductance Range** | 10µH to 1000µH (depending on specific sub-code) |
| **Rated Current** | 0.5A to 3.0A (application specific) |
| **DC Resistance (DCR)** | Low (mΩ range to minimize power loss) |
| **Operating Temperature** | -40°C to +125°C |
| **Housing** | Shielded construction for low magnetic leakage |
---
### 2. Core Functional Components
The "Electronic Parts" within the CTPH-16-R/Q consist of three primary elements:
1. **Ferrite Core:** The "heart" of the component. It uses a high-permeability magnetic material that provides high impedance to high-frequency noise while allowing DC or low-frequency signals to pass with minimal attenuation.
2. **Copper Windings:** Dual windings (bifilar or sectional) are wrapped around the core. In a common-mode configuration, these windings are phased so that magnetic fields from noise cancel each other out.
3. **Shielded Base/Case:** The "R/Q" designation often refers to the specific molding or shielding style, ensuring that the magnetic flux is contained and does not interfere with adjacent components on the PCB.
---
### 3. Application Use Cases
This part is commonly found in the following electronic circuits:
* **DC-DC Converters:** To filter out switching noise from the power rail.
* **USB/CAN Bus Lines:** To maintain signal integrity by suppressing common-mode electromagnetic noise.
* **AC Adapters:** Used in the input stage to comply with global EMI/EMC regulations (like FCC or CE).
* **Industrial Electronics:** Providing clean power to sensitive sensors.
---
### 4. Part Number Breakdown (General)
* **CTPH:** Series identifier (High-current, Shielded Power inductor/choke).
* **16:** Dimensional code (referring to the footprint size, e.g., 16mm or a proprietary sizing scale).
* **R/Q:** Material or Packaging designation (often denotes "RoHS compliant" or specific "Tape & Reel" orientation).
---
- ⤷
What is the maximum current rating for the CTPH-16 series?
- ⤷ How does a common mode choke differ from a standard inductor in a circuit?
- ⤷ What are the PCB footprint dimensions for the CTPH-16-R/Q?