CTNLV32F-R082M
AI

The **CTNLV32F-R082M** is a surface-mount (SMD) wire-wound chip inductor. It is part of the CTNLV series, typically manufactured by companies like Central Technologies. This component is designed for high-frequency applications where stability and precision are required.
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's exact specifications:
| Code Segment | Meaning | Value |
| :--- | :--- | :--- |
| **CTNLV** | Series Name | Low Voltage/Standard Wire-wound |
| **32** | Case Size (Metric) | 3.2mm x 2.5mm (1210 Imperial) |
| **F** | Lead-Free | RoHS Compliant |
| **R082** | Inductance Value | 0.082 µH (82 nH) |
| **M** | Tolerance | ±20% |
---
### 2. Technical Specifications
Below are the typical electrical characteristics for this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.082 µH |
| **Tolerance** | ±20% |
| **Quality Factor (Q min)** | 25 - 30 (at test frequency) |
| **Self-Resonant Frequency (SRF)** | ~450 MHz - 600 MHz |
| **DC Resistance (DCR Max)** | ~0.15 - 0.25 Ω |
| **Rated DC Current (Idc)** | ~450 mA |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Physical Construction
The "32" in the part number corresponds to the **1210** imperial package.
* **Core Material:** Usually a ceramic or ferrite core depending on the specific frequency optimization.
* **Winding:** Fine copper wire wound around the core to achieve the specific inductance.
* **Encapsulation:** Often coated in a thermoset epoxy resin for environmental protection and mechanical stability during pick-and-place assembly.
---
### 4. Common Applications
Due to its low inductance (82nH) and high SRF, this part is commonly used in:
* **RF Circuits:** Matching networks and high-frequency filters.
* **Telecommunications:** Signal conditioning in mobile devices and base stations.
* **EMI Suppression:** Filtering high-frequency noise in power lines.
* **Consumer Electronics:** Used in oscillators and decoupling circuits.
---
- ⤷
What are the main differences between ceramic-core and ferrite-core inductors?
- ⤷ How does the 'Q factor' affect the performance of this inductor in an RF circuit?
- ⤷ Are there 1210 size alternatives with a tighter tolerance than ±20%?