CTMPH100805F-R24M
AI

The **CTMPH100805F-R24M** is a high-performance **surface-mount (SMD) power inductor** typically used in DC-DC converters and power management modules. This specific part belongs to the "Molded" category, meaning it is designed for high current density and low acoustic noise.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical specifications:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **CTMPH** | Series | Molded Power Inductor (High Saturation) |
| **100805** | Dimensions | Approx. 1.0mm x 0.8mm x 0.5mm (Metric) |
| **F** | RoHS Status | Lead-Free / Compliant |
| **-R24** | Inductance | 0.24 µH (R denotes decimal) |
| **M** | Tolerance | ±20% |
---
### 2. Key Electrical Characteristics
This component is engineered for efficiency in compact spaces. Below are the typical performance ratings for this specific value:
* **Inductance:** 0.24 µH
* **DC Resistance (DCR):** Extremely low, usually measured in mΩ (milliohms) to minimize power loss.
* **Saturation Current ($I_{sat}$):** The current level where inductance drops by a specific percentage (usually 30%). For this size, it is optimized for high peaks.
* **Heating Current ($I_{rms}$):** The continuous current that causes a specific temperature rise (usually 40°C).
---
### 3. Technical Features
* **Shielded Construction:** The molded metal powder body provides magnetic shielding, which significantly reduces EMI (Electromagnetic Interference).
* **Low Profile:** The "05" height (0.5mm) makes it ideal for ultra-thin electronics like smartphones and wearables.
* **High Frequency:** Designed to operate efficiently in high-switching frequency environments (up to several MHz).
---
### 4. Typical Applications
This part is commonly found in the following circuits:
1. **Mobile Devices:** Power rails for CPUs and GPUs in smartphones.
2. **DC-DC Converters:** Buck or Boost converters in point-of-load (POL) modules.
3. **IoT Sensors:** Where small footprint and high efficiency are critical for battery life.
---
- ⤷
What are the specific Saturation Current (Isat) and RMS Current (Irms) values for this part?
- ⤷ How does a molded inductor compare to a traditional wire-wound inductor?
- ⤷ Can you provide the recommended PCB footprint dimensions for the 100805 package?