CTML0603F-R10K
AI

The **CTML0603F-R10K** is a surface-mount multilayer chip inductor. This component is commonly used in high-frequency circuits for filtering, decoupling, and impedance matching.
Below is a detailed breakdown of its electronic specifications and characteristics.
### 1. Technical Specifications
The part number follows a standard naming convention that defines its physical and electrical properties.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.10 µH (100 nH) | The nominal inductance value. |
| **Tolerance** | ±10% | Indicated by the "K" suffix. |
| **Case Size** | 0603 (EIA) | Metric 1608 (1.6mm x 0.8mm). |
| **Max DC Resistance (DCR)** | ~0.30 Ω | Resistance offered to direct current. |
| **Rated Current** | ~200 - 300 mA | Maximum current before saturation or overheating. |
| **SRF (Min)** | >250 MHz | Self-Resonant Frequency. |
| **Material** | Ferrite | Multilayer ferrite construction for magnetic shielding. |
---
### 2. Key Features
* **Multilayer Technology:** Unlike wire-wound inductors, these are constructed by layering conductive paste and ferrite material, resulting in a compact, monolithic structure.
* **Magnetic Shielding:** The closed magnetic circuit minimizes crosstalk and electromagnetic interference (EMI) with surrounding components.
* **High Reliability:** The solid construction provides excellent solderability and resistance to mechanical shock.
* **Miniaturization:** The 0603 footprint is ideal for high-density PCB designs (smartphones, wearables).
---
### 3. Applications
Inductors like the CTML0603F-R10K are typically utilized in the following scenarios:
1. **Noise Suppression:** Used in power lines and signal lines to filter out high-frequency noise.
2. **RF Circuits:** Impedance matching in wireless communication modules (Bluetooth, Wi-Fi).
3. **DC-DC Converters:** Small-scale energy storage and smoothing in low-power voltage regulators.
4. **Signal Integrity:** Preventing signal distortion in high-speed data lines.
---
### 4. Part Number Decoder
Understanding the "CTML0603F-R10K" string:
| Segment | Meaning |
| :--- | :--- |
| **CTML** | Series: Ceramic/Ferrite Multilayer Inductor |
| **0603** | Size: 0.06 x 0.03 inches |
| **F** | Material/Process code (Lead-Free/RoHS compliant) |
| **R10** | Value: R denotes decimal point (R10 = 0.10 µH) |
| **K** | Tolerance: K = ±10% |
- ⤷
How does the Q-factor of a multilayer inductor compare to a wire-wound inductor?
- ⤷ What are the thermal limitations when operating this inductor near its rated current?
- ⤷ Can this component be used in high-power automotive applications?