công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTML0603F-R047K

  • AI
    The **CTML0603F-R047K** is a surface-mount multi-layer ceramic chip inductor. It is designed for high-frequency applications where miniaturization and reliability are critical. --- ## 1. Technical Specifications The following table summarizes the primary electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Part Number** | CTML0603F-R047K | | **Inductance** | 0.047 µH (47 nH) | | **Tolerance** | ±10% (K) | | **Case Code (Inch/Metric)** | 0603 / 1608 | | **Rated Current (max)** | 300 mA | | **DC Resistance (max)** | 0.35 Ω | | **Self-Resonant Frequency** | 220 MHz | | **Operating Temperature** | -55°C to +125°C | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying variants: - **CTML**: Series designation (Ceramic Multi-Layer Inductor). - **0603**: Package size (0.06 x 0.03 inches). - **F**: Lead-free / RoHS compliant. - **R047**: Inductance value (R = decimal point; 0.047 µH). - **K**: Tolerance code (K = ±10%). --- ## 3. Key Features & Construction ### Construction Unlike wire-wound inductors, this part is built using a **Multi-layer Technology**. Conductive patterns are printed on ceramic layers and stacked to create a coil structure within a monolithic block. ### Benefits * **Magnetic Shielding:** The closed magnetic circuit minimizes crosstalk and EMI (Electromagnetic Interference). * **High Reliability:** The monolithic structure provides excellent heat resistance and mechanical strength. * **Compact Size:** The 0603 footprint is ideal for high-density PCB layouts in portable electronics. --- ## 4. Common Applications This inductor is typically used in low-power, high-frequency circuits such as: 1. **Noise Suppression:** Filtering high-frequency noise in power supply lines. 2. **Impedance Matching:** Used in RF front-ends for smartphones and wireless modules. 3. **Signal Conditioning:** Decoupling and signal shaping in telecommunications equipment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a multi-layer ceramic inductor and a wire-wound inductor?
    • ⤷ Can this inductor be used in high-power LED driver circuits?
    • ⤷ What are the recommended soldering profiles for 0603 SMD components?