công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTML0603-R39M

  • AI
    ## Technical Overview of CTML0603-R39M The **CTML0603-R39M** is a surface-mount (SMD) multilayer chip inductor. These components are designed to store energy in a magnetic field and are critical for noise suppression and signal conditioning in compact electronic circuits. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **CTML** | Series Type | Multilayer Chip Inductor (Ferrite) | | **0603** | Case Size | 0603 Imperial (1.6mm x 0.8mm) | | **R39** | Inductance Value | 0.39 µH (Microhenries) | | **M** | Tolerance | ±20% | --- ### 2. Key Electrical Specifications Below are the typical parameters for this specific electronic part: * **Inductance:** 0.39 µH * **Tolerance:** ±20% * **Operating Temperature:** -55°C to +125°C * **Structure:** Multilayer ferrite technology (monolithic structure) * **Self-Resonant Frequency (SRF):** High frequency performance suitable for RF and high-speed logic. * **DC Resistance (DCR):** Low resistance to minimize power loss. --- ### 3. Construction and Features * **Monolithic Structure:** The inductor is constructed by layering ferrite paste and internal electrode paste. This creates a solid block that is highly reliable and provides excellent magnetic shielding. * **Magnetic Shielding:** Because it is a closed magnetic circuit, it minimizes electromagnetic interference (EMI) and prevents crosstalk with neighboring components on a dense PCB. * **Soldering Compatibility:** Designed for reflow and wave soldering processes with nickel-barrier terminations to prevent leaching. --- ### 4. Common Applications Due to its small 0603 footprint and 0.39 µH inductance, it is frequently used in: 1. **Mobile Devices:** Filtering in smartphones, tablets, and wearables. 2. **Noise Suppression:** Used in DC-to-DC converter circuits to smooth ripple current. 3. **High-Frequency Signal Lines:** Decoupling and EMI prevention in high-speed digital circuits. ---
    ✨ Follow-up Questions
    • ⤷What are the maximum current ratings for the CTML0603-R39M?
    • ⤷ How does a multilayer inductor differ from a wire-wound inductor?
    • ⤷ Can this part be used in automotive applications?