công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTML0603-R22M

  • AI
    ## Technical Overview: CTML0603-R22M The **CTML0603-R22M** is a surface-mount multilayer chip inductor. It is designed for high-frequency signal conditioning and power decoupling in compact electronic circuits. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CTML** | Series | Multilayer Chip Inductor (Ferrite Core) | | **0603** | Case Size | Imperial size 0603 (1.6mm x 0.8mm) | | **R22** | Inductance | 0.22 microhenries (µH) | | **M** | Tolerance | ±20% | --- ### 2. Key Specifications The following table highlights the typical electrical parameters for this component: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.22 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | ~0.45 Ω (Max) | | **Rated Current** | ~100 mA to 300 mA (Typical) | | **Self-Resonant Frequency** | ~250 MHz | | **Operating Temp** | -55°C to +125°C | --- ### 3. Construction and Material The "ML" in CTML stands for **Multilayer**. * **Body:** Composed of high-quality ferrite material. * **Electrode:** Internal silver (Ag) printed layers are stacked and sintered to form the coil. * **Terminations:** Usually finished with Nickel (Ni) and Tin (Sn) to ensure excellent solderability and resistance to soldering heat. --- ### 4. Applications and Features #### Features: * **Magnetic Shielding:** The multilayer structure creates a closed magnetic circuit, resulting in low EMI (Electromagnetic Interference) and high-density mounting. * **Compact Size:** The 0603 footprint is ideal for space-constrained designs like smartphones and wearables. * **Durability:** No organic adhesives are used, providing high reliability across wide temperature ranges. #### Common Uses: * **Noise Suppression:** Filtering high-frequency noise in communication equipment. * **Signal Shapping:** Used in RF (Radio Frequency) and logic circuits. * **Power Lines:** Decoupling for low-current DC power lines to prevent ripple interference. ---
    ✨ Follow-up Questions
    • ⤷What are the differences between multilayer and wire-wound inductors?
    • ⤷ How does the self-resonant frequency affect circuit performance?
    • ⤷ Can you provide a PCB footprint recommendation for an 0603 package?