công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTML0603-R15M

  • AI
    The **CTML0603-R15M** is a surface-mount multi-layer chip inductor. These components are commonly used in high-frequency circuits for noise filtering, signal shaping, and impedance matching in compact electronic devices. --- ### 1. Technical Specifications The part number follows a standard nomenclature used by manufacturers (like Central Technologies). Below are the core technical parameters: | Parameter | Value | Details | | :--- | :--- | :--- | | **Inductance** | 0.15 µH | Fixed value at specific test frequency | | **Tolerance** | ±20% | Indicated by the suffix "M" | | **Case Size** | 0603 (EIA) | 1.6mm x 0.8mm (Metric 1608) | | **Core Material** | Ferrite | Multi-layer construction | | **DC Resistance (DCR)** | ~0.40 - 0.60 Ω | Max resistance of the internal coil | | **Rated Current** | ~150 - 300 mA | Maximum current before overheating | | **Self-Resonant Freq** | >200 MHz | Frequency where it acts as a capacitor | --- ### 2. Part Number Breakdown Understanding the code helps in identifying replacements or similar parts: * **CTML**: Series prefix (Multi-Layer Chip Inductor). * **0603**: Physical dimensions (Length 0.06" x Width 0.03"). * **R15**: Inductance value. The "R" acts as a decimal point ($0.15$). Measured in microhenries ($\mu H$). * **M**: Tolerance code ($M = \pm 20\%$). --- ### 3. Key Electronic Characteristics #### A. Multi-layer Construction Unlike wire-wound inductors, this part is made by layering conductive paste and ferrite material. This results in: * **Magnetic Shielding:** The closed magnetic circuit minimizes electromagnetic interference (EMI) with surrounding components. * **Durability:** High mechanical strength and resistance to vibration. #### B. Frequency Response Because it is a ferrite-based inductor, it performs best at lower to mid-range frequencies. As frequency increases toward the **Self-Resonant Frequency (SRF)**, the parasitic capacitance of the layers becomes dominant, and the part stops behaving like an inductor. #### C. Typical Applications * **Mobile Electronics:** Smartphones and tablets where PCB space is limited. * **Noise Suppression:** Used in power supply lines to filter out high-frequency ripples. * **Signal Decoupling:** Preventing high-frequency noise from passing between different stages of a circuit. --- ### 4. Comparison with Other Types | Feature | Multi-layer (CTML) | Wire-Wound | | :--- | :--- | :--- | | **Size** | Very Small | Larger | | **Q Factor** | Lower | Higher | | **Current Handling** | Low to Moderate | High | | **EMI Shielding** | Excellent (Self-shielded) | Poor (Requires external shielding) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between CTML and CTLL series inductors?
    • ⤷ How does the 'M' tolerance impact high-precision RF circuits?
    • ⤷ What are the recommended soldering profiles for 0603 multi-layer inductors?