công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTMC1812F-R18J

  • AI
    The **CTMC1812F-R18J** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. This component is commonly used in RF circuits for signal filtering and impedance matching. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **CTMC** | Series Code | Molded Chip Inductor (Wire-wound) | | **1812** | Case Size | 4.5mm x 3.2mm (EIA 1812 Metric 4532) | | **F** | Material/Process | Ferrite Core (Lead-Free/RoHS) | | **R18** | Inductance Value | 0.18 µH (180 nH) | | **J** | Tolerance | ±5% | --- ### 2. Key Electrical Specifications Below are the typical technical parameters for this specific part: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.18 µH | | **Tolerance** | ±5% | | **Quality Factor (Q min)** | 28 (at 25.2 MHz) | | **Self-Resonant Frequency (SRF)** | 400 MHz (Minimum) | | **DC Resistance (DCR max)** | 0.40 Ω | | **Rated Current (Idc)** | 450 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Construction & Features * **Molded Construction:** The wire-wound coil is encapsulated in a molded plastic or resin body. This provides excellent mechanical strength and protection against environmental factors (moisture, vibration). * **Ferrite Core:** The "F" designation indicates a ferrite core, which allows for higher inductance values in a smaller footprint compared to air-core inductors. * **High Q Factor:** Designed for high-frequency stability, making it suitable for resonant circuits. * **Surface Mount Technology (SMT):** The 1812 footprint is standard for automated pick-and-place assembly. --- ### 4. Common Applications Due to its 0.18 µH value and high SRF, this part is typically used in: 1. **RF Communication:** Cellular phones, GPS receivers, and wireless LANs. 2. **Filtering:** High-frequency noise suppression in power supplies. 3. **Broadcasting:** Used in FM/TV tuners and telecommunication equipment. 4. **Impedance Matching:** Used to match the impedance between different stages of an RF amplifier. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the CTMC1812F-R18J from other manufacturers?
    • ⤷ How does the SRF (Self-Resonant Frequency) affect the performance of this inductor in a circuit?
    • ⤷ Can this inductor be used for power management applications with higher current requirements?