CTMC1812F-R12M
AI

## CTMC1812F-R12M: Component Specifications and Analysis
The **CTMC1812F-R12M** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in power management, filtering, and RF circuits where a specific inductance and high reliability are required.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.12 µH (120 nH) | Measured at a specific test frequency. |
| **Tolerance** | ±20% (M) | Indicated by the 'M' suffix. |
| **Case Size** | 1812 (EIA) | 4.5mm x 3.2mm (Metric 4532). |
| **DC Resistance (DCR)** | ~0.22 Ω (Max) | Affects heat generation and efficiency. |
| **Rated Current** | ~450 mA | Maximum current before saturation or overheating. |
| **Self-Resonant Freq.** | 450 MHz (Min) | The frequency at which it stops acting as an inductor. |
| **Operating Temp.** | -40°C to +125°C | Typical range for industrial applications. |
---
### 2. Part Number Breakdown
The alphanumeric code provides specific details about the part's construction:
* **CTMC**: Series prefix (typically indicating a Molded Chip Inductor).
* **1812**: Physical dimensions (4.5mm length x 3.2mm width).
* **F**: Lead-free / RoHS compliant.
* **R12**: Inductance value (R represents the decimal point; R12 = 0.12 µH).
* **M**: Tolerance code (M = ±20%).
---
### 3. Key Applications
Inductors of this size and value are typically used for:
1. **High-Frequency Filtering**: Suppressing high-frequency noise in power lines.
2. **Impedance Matching**: Used in RF communication circuits to ensure maximum power transfer.
3. **DC-DC Converters**: Acting as an energy storage element in low-power voltage regulators.
4. **Decoupling**: Preventing interference between different sections of a PCB.
---
### 4. Implementation Considerations
```markdown
- **Footprint**: Ensure the PCB land pattern matches the 4532 metric size to avoid tombstoning.
- **Saturation Current**: Do not exceed the rated current, as the inductance will drop significantly, potentially causing circuit failure.
- **DCR Losses**: In battery-operated devices, consider the DC resistance to minimize power loss through heat.
```
---
- ⤷
What are the alternatives to the 1812 package size for this inductance?
- ⤷ How does the 'Self-Resonant Frequency' affect performance in RF circuits?
- ⤷ What is the difference between a molded inductor and a multilayer inductor?