công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTMC1812F-R12J

  • AI
    ## Technical Overview of CTMC1812F-R12J The **CTMC1812F-R12J** is a surface-mount (SMD) wire-wound chip inductor. It is designed for high-frequency applications, signal conditioning, and power supply decoupling where a compact footprint is required. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **CTMC** | Series | Molded Chip Inductor (Wire-wound) | | **1812** | Case Size | 4.5mm x 3.2mm (EIA 1812) | | **F** | Lead-Free | RoHS Compliant / Lead-free termination | | **R12** | Inductance Value | 0.12 µH (R denotes decimal) | | **J** | Tolerance | ±5% | --- ### 2. Key Electrical Specifications The electrical performance of this inductor determines its suitability for specific circuits: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.12 µH | | **Tolerance** | ±5% | | **Quality Factor (Q Min)** | 30 | | **Test Frequency** | 25.2 MHz | | **Self-Resonant Frequency (SRF)** | 450 MHz (Minimum) | | **DC Resistance (DCR Max)** | 0.22 Ω | | **Rated Current (Idc)** | 450 mA | --- ### 3. Physical Construction and Features * **Molded Construction:** The wire-wound coil is encapsulated in a molded resin body, providing excellent mechanical strength and resistance to environmental moisture. * **Termination:** Features solder-plated terminals compatible with flow and reflow soldering processes. * **Case Size (1812):** This is a medium-sized SMD component, balancing power handling with PCB space efficiency. ### 4. Common Applications * **RF Circuits:** Used in high-frequency filters and impedance matching. * **Signal Processing:** Effective for noise suppression in telecommunication equipment. * **Consumer Electronics:** Found in tablets, cameras, and gaming consoles for power line filtering. * **Decoupling:** Prevents high-frequency noise from traveling between circuit stages. --- ### 5. Equivalent Considerations If sourcing an alternative, ensure the following parameters match or exceed the original: * **Footprint:** Must be 1812 (4532 Metric). * **DCR:** A higher DC Resistance will lead to more heat and power loss. * **Rated Current:** Ensure the replacement can handle the circuit's peak current without saturating. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between wire-wound and multilayer inductors in the 1812 size?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in RF circuits?
    • ⤷ Can this inductor be used in high-temperature automotive environments?