CTMC1210F-R18M
AI

## Analysis of the CTMC1210F-R18M Electronic Component
The **CTMC1210F-R18M** is a surface-mount (SMD) wire-wound chip inductor. It is designed for use in power circuits, signal lines, and high-frequency applications where stability and small footprints are required.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's physical and electrical properties:
| Part Segment | Meaning | Details |
| :--- | :--- | :--- |
| **CTMC** | Series Code | Molded Chip Inductor (Wire-wound) |
| **1210** | Case Size | 1210 Imperial (3.2mm x 2.5mm) |
| **F** | Lead-Free | RoHS Compliant / Ferrite Core |
| **R18** | Inductance Value | 0.18 µH (Microhenries) |
| **M** | Tolerance | ±20% |
---
### 2. Technical Specifications
The following table outlines the typical electrical characteristics for this specific model:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.18 µH |
| **Tolerance** | ±20% |
| **Quality Factor (Q) Min** | 28 (at test frequency) |
| **SRF (Self-Resonant Frequency) Min** | 400 MHz |
| **DCR (DC Resistance) Max** | 0.17 Ω |
| **Rated Current (Idc)** | 600 mA |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Key Features & Construction
* **Wire-wound Structure:** Offers higher current carrying capacity and lower DC resistance compared to multilayer inductors.
* **Molded Shielding:** The ferrite core and molded construction provide magnetic shielding, reducing electromagnetic interference (EMI) with surrounding components.
* **Solderability:** Features excellent terminal strength and heat resistance, making it suitable for flow and reflow soldering.
* **Compact Size:** The 1210 footprint is ideal for high-density PCB designs in consumer electronics.
---
### 4. Common Applications
This component is typically found in:
1. **DC-DC Converters:** Used for energy storage and filtering in power management modules.
2. **Signal Decoupling:** Used to filter high-frequency noise from power supply lines.
3. **Communication Equipment:** Found in mobile phones, base stations, and networking hardware.
4. **Consumer Electronics:** Used in TVs, video cameras, and portable media players.
- ⤷What is the difference between this wire-wound inductor and a multilayer inductor?
- ⤷ Can you provide the footprint dimensions for a 1210 package?
- ⤷ How does the SRF affect the performance of this inductor in high-frequency circuits?