CTMC1210F-R12K
AI

The **CTMC1210F-R12K** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency applications for signal filtering, decoupling, and impedance matching.
Below is a detailed breakdown of its electronic specifications and characteristics.
### 1. General Specifications
The part number follows a specific nomenclature used by manufacturers (typically Central Technologies or similar alternatives).
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.12 µH | The "R12" in the part number denotes 0.12 microhenries. |
| **Tolerance** | ±10% | The "K" suffix indicates a 10% tolerance range. |
| **Case Size** | 1210 (EIA) | Physical dimensions: 3.2mm x 2.5mm (0.12" x 0.10"). |
| **Core Material** | Ferrite / Ceramic | Designed for stable performance across frequency ranges. |
| **Mounting Type** | SMD/SMT | Surface Mount Technology for automated PCB assembly. |
---
### 2. Electrical Characteristics
These parameters determine how the inductor behaves under load and at specific frequencies.
* **Self-Resonant Frequency (SRF):** Usually high (approx. 450 MHz - 500 MHz), making it suitable for RF applications.
* **DC Resistance (DCR):** Typically low (around 0.20 - 0.40 Ohms), which minimizes power loss and heat generation.
* **Rated Current (I-dc):** Generally rated between 400mA to 550mA, defining the maximum continuous current the part can handle without overheating.
* **Quality Factor (Q):** Usually has a minimum Q value around 30 at a test frequency (often 25.2 MHz).
---
### 3. Part Number Breakdown
Understanding the code helps in identifying substitutes or similar parts:
| Segment | Meaning |
| :--- | :--- |
| **CTMC** | Series Code (Molded Chip Inductor) |
| **1210** | Dimensions (L: 3.2mm, W: 2.5mm) |
| **F** | Lead-Free / RoHS Compliant |
| **R12** | Inductance Value (R is the decimal: 0.12µH) |
| **K** | Tolerance (K = 10%, J = 5%, M = 20%) |
---
### 4. Typical Applications
* **Mobile Communication:** Used in cellular phones and wireless modules.
* **Filtering:** Employed in LC filters to remove noise from power lines or signal paths.
* **Computing:** Found in motherboards and peripherals for EMI suppression.
* **RF Circuits:** Impedance matching for antennas and oscillators.
- ⤷What are the equivalent substitutes for the 1210 package size inductor?
- ⤷ How does the Q factor affect the performance of this inductor in RF circuits?
- ⤷ What is the maximum operating temperature for CTMC series inductors?