CTMC1210F-R10M
AI

The **CTMC1210F-R10M** is a high-frequency, surface-mount (SMD) molded chip inductor. It is commonly used in power management and signal filtering circuits where space is limited but high performance is required.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CTMC** | Series Type | Ceramic Core / Molded Chip Inductor |
| **1210** | Case Size | Imperial size (approx. 3.2mm x 2.5mm) |
| **F** | Lead-Free | RoHS compliant / Lead-free termination |
| **R10** | Inductance Value | R10 denotes **0.10 µH** (100 nH) |
| **M** | Tolerance | **±20%** tolerance range |
---
### 2. Key Specifications
While exact values can vary slightly by manufacturer (such as Central Technologies), the typical electrical profile for this part is as follows:
* **Inductance:** 0.10 µH
* **Tolerance:** ±20%
* **Test Frequency:** Usually 1.0 MHz or 25.2 MHz (depending on specific datasheet revision)
* **DC Resistance (DCR):** Very low (typically < 0.20 Ω), minimizing power loss.
* **Rated Current (Idc):** Generally high for its size (often between 450mA to 800mA).
* **Operating Temperature:** -40°C to +125°C.
---
### 3. Construction & Features
* **Molded Construction:** The internal coil is encapsulated in a molded plastic resin. This provides superior mechanical strength and resistance to environmental factors like moisture and vibration.
* **Magnetic Shielding:** Many parts in this series are designed to minimize electromagnetic interference (EMI) with neighboring components.
* **Solderability:** Features excellent solder heat resistance, making it suitable for flow or reflow soldering processes.
---
### 4. Common Applications
Due to its low inductance and high-frequency capabilities, the CTMC1210F-R10M is typically found in:
1. **DC-DC Converters:** Used in voltage regulation modules for smartphones and laptops.
2. **Signal Filtering:** High-speed decoupling to remove noise from power lines.
3. **RF Circuits:** Impedance matching or frequency selection in communication devices.
- ⤷
What are the equivalent alternative part numbers for the CTMC1210F series?
- ⤷ How does the molded construction compare to wire-wound inductors?
- ⤷ What is the maximum reflow temperature for this specific SMD package?