CTMC1210F-R068M
AI

## Detailed Overview: CTMC1210F-R068M
The **CTMC1210F-R068M** is a surface-mount (SMD) wire-wound chip inductor designed for high-frequency applications and power management. It is commonly utilized in automotive electronics, telecommunications, and consumer devices.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **CTMC** | Series | Molded Chip Inductor (Wire-wound) |
| **1210** | Case Size | 3.2mm x 2.5mm (EIA 1210 Metric 3225) |
| **F** | Feature | Lead-free / RoHS Compliant |
| **R068** | Inductance | 0.068 µH (68 nH) |
| **M** | Tolerance | ±20% |
---
### 2. Technical Specifications
The following table highlights the core electrical and physical parameters:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.068 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~0.11 Ω (Max) |
| **Rated Current (Idc)** | ~450 mA |
| **Self-Resonant Frequency (SRF)** | > 450 MHz |
| **Operating Temperature** | -40°C to +125°C |
| **Construction** | Ferrite Core with Molded Resin |
---
### 3. Key Electronic Characteristics
* **Wire-Wound Construction:** Unlike multilayer inductors, the wire-wound design provides a higher **Q-factor** (Quality Factor) and significantly lower DC resistance, making it more efficient for power handling.
* **Molded Shielding:** The "CTMC" series features a molded resin body. This provides physical protection to the internal copper windings and offers a degree of magnetic shielding to reduce EMI (Electromagnetic Interference).
* **High SRF:** With a Self-Resonant Frequency typically above 450 MHz, this part is suitable for high-speed signal filtering where lower-frequency inductors might behave like capacitors.
---
### 4. Applications
The CTMC1210F-R068M is typically found in:
1. **DC-DC Converters:** Used for energy storage and smoothing in small power supply modules.
2. **Signal Filtering:** Used in RF circuits to block high-frequency noise while allowing DC to pass.
3. **Automotive Electronics:** Its robust molded construction makes it suitable for vibration-heavy environments (AEC-Q200 variants often exist).
---
- ⤷What is the difference between a molded inductor and a multilayer inductor in terms of performance?
- ⤷ Can you explain how the Q-factor affects the efficiency of this component?
- ⤷ Are there specific alternatives for the CTMC1210F series with higher current ratings?