công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTMC1210F-R039M

  • AI
    The **CTMC1210F-R039M** is a high-performance **Surface Mount Device (SMD) Power Inductor**, specifically a wire-wound chip inductor designed for high-frequency and power management applications. ### 1. General Specifications Based on the part numbering nomenclature (commonly used by manufacturers like Central Technologies), here is the breakdown of its primary characteristics: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | SMD Wire-wound Chip Inductor | | **Case Size** | 1210 (3.2mm x 2.5mm) | | **Inductance Value** | 0.039 µH (39 nH) | | **Tolerance** | ±20% (indicated by 'M') | | **Operating Temperature** | -40°C to +125°C (typical) | --- ### 2. Part Number Deciphering Understanding the code helps in identifying the specific limits of the component: * **CTMC**: Series prefix (Ceramic core or Molded Chip Inductor). * **1210**: The physical dimensions in mils (0.12 x 0.10 inches). * **F**: Often denotes "Lead-Free" or RoHS compliant. * **R039**: The inductance value. "R" acts as a decimal point. $0.039 \mu H$. * **M**: The tolerance code. $M = \pm 20\%$. --- ### 3. Key Technical Features * **High Self-Resonant Frequency (SRF):** Due to the low inductance value ($39nH$), this part is capable of operating at very high frequencies without becoming capacitive. * **High Q Factor:** Wire-wound construction typically offers a higher Quality factor compared to multilayer inductors, resulting in lower signal loss. * **Low DC Resistance (DCR):** The large wire gauge used for low inductance values ensures minimal power dissipation and high efficiency. * **Robust Construction:** The molded or resin-coated body provides excellent mechanical strength and resistance to moisture. --- ### 4. Common Applications This specific inductor is generally found in: 1. **High-Frequency Communication:** Used in RF matching circuits and filters. 2. **Power Decoupling:** Removing high-frequency noise from DC power rails in mobile devices. 3. **DC-DC Converters:** Acting as a storage or filter element in compact power modules. 4. **EMI Suppression:** Blocking high-frequency interference in sensitive electronic circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the CTMC1210F-R039M?
    • ⤷ How does the '1210' package size compare to '0805' in terms of power handling?
    • ⤷ What are the advantages of a wire-wound inductor over a multilayer inductor?