CTMC1210F-R033J
AI

The **CTMC1210F-R033J** is a surface-mount (SMD) molded chip inductor typically manufactured by Central Technologies. It is designed for high-reliability applications requiring high current handling and stable inductance in a compact footprint.
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's specifications:
| Segment | Meaning | Details |
| :--- | :--- | :--- |
| **CTMC** | Series | Molded Chip Inductor Series |
| **1210** | Case Size | 1210 Imperial (3.2mm x 2.5mm) |
| **F** | Lead-Free | RoHS Compliant / Lead-free termination |
| **R033** | Inductance Value | 0.033 µH (33 nH) |
| **J** | Tolerance | ±5% |
---
### 2. Technical Specifications
This inductor is characterized by its low inductance value and high-frequency performance.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.033 µH (33 nH) |
| **Tolerance** | ±5% |
| **Material** | Wire-wound with a molded resin body |
| **Test Frequency** | Generally 1 MHz to 50 MHz (depending on datasheet version) |
| **Operating Temp** | -40°C to +125°C |
| **Package** | 3225 Metric (1210 Imperial) |
---
### 3. Key Features & Construction
* **Molded Construction:** The "M" in CTMC indicates a molded design. This provides superior mechanical strength and protection against environmental factors like moisture and physical shock compared to open-wire inductors.
* **High Self-Resonant Frequency (SRF):** Due to the low inductance (33nH), this part is capable of operating at very high frequencies without becoming capacitive.
* **Solderability:** Features excellent solder heat resistance, making it compatible with both flow and reflow soldering processes.
---
### 4. Typical Applications
The CTMC1210F-R033J is commonly found in circuits where high-frequency filtering or impedance matching is required:
1. **RF Circuits:** Used in high-frequency communication equipment for signal tuning.
2. **DC-DC Converters:** Acts as a filtering element in high-switching-frequency power supplies.
3. **EMI/RFI Suppression:** Filters high-frequency noise in sensitive electronic modules.
4. **Mobile Electronics:** Used in smartphones and tablets due to its small 1210 footprint.
---
- ⤷
What is the maximum current rating (Irat) for the CTMC1210F-R033J?
- ⤷ How does a molded inductor differ from a shielded power inductor?
- ⤷ What are the equivalent alternative parts from manufacturers like TDK or Murata?