công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTMC1210-R012J

  • AI
    The **CTMC1210-R012J** is a high-precision surface-mount power inductor (specifically a wire-wound chip inductor) typically manufactured by companies like Central Technologies. ### Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.012 µH (12 nH) | | **Tolerance** | ±5% (indicated by 'J') | | **Package Size** | 1210 (Metric 3225) | | **Mounting Type** | Surface Mount (SMD) | | **Material** | Wire-wound with a Ceramic or Ferrite Core | --- ### Key Components & Construction #### 1. Part Number Breakdown * **CTMC**: Series prefix (Molded Chip Inductor). * **1210**: The physical dimensions ($3.2 \text{ mm} \times 2.5 \text{ mm}$). * **R012**: The inductance value. "R" acts as a decimal point, meaning $0.012$ microhenries. * **J**: The tolerance code ($J = \pm5\%$). #### 2. Electrical Performance * **High Q Factor:** Because it is wire-wound, it maintains a high Quality (Q) factor, making it efficient for high-frequency applications. * **SRF (Self-Resonant Frequency):** Due to the low inductance (12nH), this component has a very high SRF, allowing it to function effectively in the GHz range. * **DCR (DC Resistance):** Usually very low, minimizing power loss and heat generation. --- ### Typical Applications This component is generally used in RF (Radio Frequency) circuits and power management modules: 1. **Impedance Matching:** Used in antenna circuits to match the impedance of the transmitter to the antenna. 2. **Filtering:** Acts as a low-pass or band-pass filter to remove unwanted noise in high-speed data lines. 3. **Decoupling:** Prevents high-frequency noise from spreading through power supply rails in telecommunication devices. --- ### Example Code: Calculating Reactance If you are designing a circuit with this part, you might use the following Python snippet to calculate its inductive reactance ($X_L$): ```python import math def calculate_reactance(inductance_uh, frequency_hz): inductance_henries = inductance_uh * 1e-6 xl = 2 * math.pi * frequency_hz * inductance_henries return xl # Example for 100MHz inductance = 0.012 frequency = 100e6 reactance = calculate_reactance(inductance, frequency) print(f"Reactance at 100MHz: {reactance:.4f} Ohms") ```
    ✨ Follow-up Questions
    • ⤷ What are the maximum current ratings for the CTMC1210 series?
    • ⤷ How does the 'J' tolerance compare to 'K' or 'M' in inductor naming?
    • ⤷ What are the soldering temperature profiles for 1210 SMD components?