công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTMC1008F-R027J

  • AI
    ### Technical Analysis: CTMC1008F-R027J The **CTMC1008F-R027J** is a high-frequency, wire-wound surface mount (SMD) chip inductor. It is commonly used in RF (Radio Frequency) circuits where high stability and high Q-factors are required. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Description | Meaning | | :--- | :--- | :--- | | **CTMC** | Series | Molded Chip Inductor | | **1008** | Case Size | 1008 Imperial (approx. 2.5 x 2.0 mm) | | **F** | Lead-Free | RoHS Compliant | | **R027** | Inductance Value | 0.027 µH (or 27 nH) | | **J** | Tolerance | ±5% | --- ### 2. Key Electrical Specifications Based on standard data for the 1008 wire-wound series, here are the typical electrical parameters for the **27nH** variant: | Parameter | Value | | :--- | :--- | | **Inductance** | 27 nH | | **Tolerance** | ±5% | | **Quality Factor (Q) Min.** | 25 - 30 (at 100 MHz) | | **Self-Resonant Frequency (SRF)** | > 1600 MHz | | **DC Resistance (DCR) Max** | 0.25 - 0.35 Ω | | **Rated Current (Idc)** | ~500 - 600 mA | --- ### 3. Physical Characteristics * **Construction:** Wire-wound on a ceramic or ferrite core (usually ceramic for this low inductance value). * **Encapsulation:** Molded/Epoxy resin, which provides superior mechanical strength and resistance to environmental factors compared to open-wire versions. * **Dimensions:** * Length: 2.5 mm * Width: 2.0 mm * Height: 1.6 mm --- ### 4. Applications and Use Cases Because of its small footprint and high-frequency performance, this part is typically found in: 1. **RF Matching Networks:** Impedance matching for antennas in Wi-Fi or Bluetooth modules. 2. **Filter Circuits:** Low-pass or band-pass filters in telecommunications. 3. **Oscillators:** Frequency stabilization in VCOs (Voltage Controlled Oscillators). 4. **Decoupling:** Filtering high-frequency noise in sensitive RF power lines. --- ### 5. Equivalent Considerations If you are looking for an alternative, ensure the following parameters match or exceed the CTMC1008F-R027J: * **Footprint:** Must be 1008 (2520 metric). * **SRF:** The replacement must have a Self-Resonant Frequency higher than your operating frequency. * **Q-Factor:** Lower Q-factors may result in higher signal loss in RF circuits.
    ✨ Follow-up Questions
    • ⤷ What is the difference between ceramic and ferrite cores for 1008 inductors?
    • ⤷ How does the Q-factor affect the performance of this inductor in a filter?
    • ⤷ Can this inductor be used in high-power applications above 1 Amp?