CTMC1008F-R018M
AI

The **CTMC1008F-R018M** is a high-frequency, surface-mount (SMD) molded chip inductor. It belongs to the wire-wound category and is designed for applications requiring high reliability and stable performance in compact electronic circuits.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of the component:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.018 µH (18 nH) |
| **Tolerance** | ±20% (indicated by 'M') |
| **Case Size** | 1008 (2.5mm x 2.0mm) |
| **Core Material** | Ceramic |
| **Test Frequency** | 50 MHz |
| **DC Resistance (DCR)** | 0.15 Ω (Max) |
| **Rated Current** | 700 mA (Max) |
| **Self-Resonant Frequency (SRF)** | 1800 MHz (Min) |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **CTMC**: Series prefix (Commonly associated with Central Technologies Molded Inductors).
* **1008**: Physical dimensions (Length 0.10" x Width 0.08").
* **F**: Lead-free / RoHS compliant.
* **R018**: Inductance value (R = Decimal point; 0.018 µH).
* **M**: Tolerance code (M = ±20%).
---
## 3. Key Electronic Features
### High Self-Resonant Frequency (SRF)
Because the inductance value is very low (18 nH), the SRF is extremely high (1.8 GHz). This makes the part ideal for high-frequency RF applications where the inductor must maintain its inductive properties without becoming capacitive.
### Molded Construction
The "M" in the series often refers to a molded construction. This provides:
* **Environmental Protection:** Better resistance to moisture and physical shock.
* **Mechanical Stability:** Superior durability during the Pick-and-Place assembly process.
### Ceramic Core
Unlike ferrite cores, ceramic cores have no magnetic saturation issues. This ensures that the inductance remains stable even as the current increases, and provides a high "Q" factor at high frequencies.
---
## 4. Typical Applications
* **RF Transceivers:** Used in matching circuits and filters for wireless communication.
* **Bluetooth/WLAN Modules:** High-frequency signal conditioning.
* **Mobile Devices:** Power decoupling in high-speed data lines.
* **Broadband Equipment:** Oscillators and high-frequency amplifiers.
- ⤷What is the difference between a ceramic core and a ferrite core inductor?
- ⤷ How does the 'Q factor' affect the performance of this inductor in RF circuits?
- ⤷ Can this component be used in high-power DC-DC converters?