CTMC1008F-R012M
AI

### Analysis of CTMC1008F-R012M
The **CTMC1008F-R012M** is a high-frequency, wire-wound surface mount (SMD) inductor. It is part of a series typically designed for high-performance communication equipment and high-frequency circuits.
---
### Technical Specifications
The following table outlines the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Fixed Inductor (Wire-wound) |
| **Inductance** | 0.012 µH (12 nH) |
| **Tolerance** | ±20% (indicated by 'M') |
| **Package Size** | 1008 (Metric 2520) |
| **Dimensions** | 2.5mm x 2.0mm |
| **Self-Resonant Frequency (SRF)** | Typically > 1000 MHz |
| **DC Resistance (DCR)** | Low (specific to high-current designs) |
| **Core Material** | Ceramic or Ferrite (depending on frequency tuning) |
---
### Part Number Breakdown
Understanding the nomenclature helps in identifying the specific properties of the component:
1. **CTMC**: Series prefix (Commonly associated with Central Technologies molded/chip inductors).
2. **1008**: The physical size of the footprint (0.10 inches by 0.08 inches).
3. **F**: Lead-free / RoHS compliant designation.
4. **R012**: The inductance value. "R" acts as a decimal point ($0.012$ µH).
5. **M**: The tolerance code ($M = \pm 20\%$).
---
### Applications and Features
#### Key Features
* **Small Footprint:** The 1008 size is ideal for high-density PCB layouts.
* **High Q Factor:** Excellent for maintaining signal integrity at high frequencies.
* **Durability:** Molded or encapsulated construction provides environmental protection.
#### Common Uses
* **RF Circuits:** Used in impedance matching and frequency filtering.
* **Telecommunications:** Mobile phones, Wi-Fi modules, and Bluetooth devices.
* **Signal Processing:** High-speed data lines to suppress noise.
---
- ⤷
What are the alternative tolerance codes for this inductor series?
- ⤷ How does the SRF impact the performance of the 12nH inductor in RF circuits?
- ⤷ What is the typical current rating (Irms) for the CTMC1008 series?