công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTMC1008-R22M

  • AI
    The **CTMC1008-R22M** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are primarily used for power management and signal filtering in compact electronic devices. ### 1. Part Number Deciphering The alphanumeric code provides specific details about the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CTMC** | Series | Molded Chip Inductor (Wire-wound) | | **1008** | Case Size | Dimensions: 0.10 x 0.08 inches (approx. 2.5 x 2.0 mm) | | **R22** | Inductance | **0.22 µH** (R denotes decimal point) | | **M** | Tolerance | **±20%** | --- ### 2. Key Electrical Specifications Below are the typical technical parameters for this specific part: * **Inductance:** 0.22 µH (Microhenries) * **Tolerance:** ±20% (Standard for power/general-purpose applications) * **Self-Resonant Frequency (SRF):** Usually high (typically >450 MHz), allowing it to operate in RF circuits. * **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation. * **Rated Current:** The maximum current it can handle before the temperature rises significantly or the core saturates. --- ### 3. Construction & Features * **Wire-Wound Technology:** Offers higher Q-factors (Quality) and higher current handling compared to multilayer chip inductors. * **Molded Construction:** The "MC" in the prefix usually indicates a molded body, which provides excellent mechanical strength and environmental protection against moisture and vibration. * **Surface Mount (SMD):** Designed for automated pick-and-place assembly on PCBs (Printed Circuit Boards). --- ### 4. Common Applications Due to its size and inductance value, the CTMC1008-R22M is frequently found in: 1. **Mobile Devices:** Smartphones and tablets for DC-DC converter circuits. 2. **RF Circuits:** Used for impedance matching and decoupling. 3. **Consumer Electronics:** Hard drives, cameras, and portable media players. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the CTMC1008-R22M?
    • ⤷ How does a wire-wound inductor differ from a multilayer inductor?
    • ⤷ What are the soldering temperature profiles for this SMD part?