công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTMC1008-R12M

  • AI
    ### Technical Overview: CTMC1008-R12M The **CTMC1008-R12M** is a high-frequency, wire-wound chip inductor designed for surface-mount technology (SMT). It is commonly used in RF (Radio Frequency) circuits and power management applications where a small footprint and high reliability are required. --- ### Key Specifications | Parameter | Value | Details | | :--- | :--- | :--- | | **Inductance** | 0.12 µH ($120 \text{ nH}$) | Measured at a specific test frequency. | | **Tolerance** | $\pm 20\%$ | Designated by the 'M' suffix. | | **Case Size** | 1008 (EIA) | Metric equivalent: 2520 ($2.5 \text{ mm} \times 2.0 \text{ mm}$). | | **Core Material** | Ceramic/Ferrite | Typically depends on the specific series frequency range. | | **Current Rating** | High DC Current | Capable of handling significant current for its size. | | **Termination** | Sn (Tin) | Solderable end-caps for SMT processes. | --- ### Component Breakdown #### 1. Inductance & Tolerance * **R12:** Represents the inductance value of **0.12 µH**. In SMD coding, 'R' acts as the decimal point. * **M:** Represents a **$\pm 20\%$** tolerance. This is standard for power-related or general-purpose inductors. #### 2. Physical Construction The **1008 package** refers to the physical dimensions: * **Length:** 0.10 inches (approx. 2.5 mm) * **Width:** 0.08 inches (approx. 2.0 mm) Its low profile makes it ideal for compact mobile devices and telecommunications hardware. #### 3. Core Characteristics The inductor utilizes a **molded construction** (signified by the "MC" in the prefix). This provides: * **Magnetic Shielding:** Minimizes electromagnetic interference (EMI) with surrounding components. * **Mechanical Strength:** Protects the internal copper windings from physical stress and environmental factors. --- ### Typical Applications 1. **RF Circuits:** Used in impedance matching and frequency filtering. 2. **DC-DC Converters:** Acts as an energy storage element in miniature power supplies. 3. **Signal Conditioning:** Decoupling and noise suppression in high-speed data lines. 4. **Consumer Electronics:** Found in smartphones, tablets, and wearable tech. --- ### Part Number Breakdown Example `CT` (Manufacturer Brand) + `MC` (Molded Chip) + `1008` (Size) + `-` + `R12` (Value) + `M` (Tolerance)
    ✨ Follow-up Questions
    • ⤷ What is the maximum DC resistance (DCR) for the CTMC1008-R12M?
    • ⤷ How does this inductor perform at high frequencies compared to air-core inductors?
    • ⤷ What are the soldering profile recommendations for this 1008 package?