công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTM1F-R56J

  • AI
    The **CTM1F-R56J** is a high-performance molded chip inductor. It belongs to a family of passive electronic components designed for surface mount technology (SMT) applications where space-saving and reliability are critical. --- ## 1. Technical Specifications The part number "R56J" defines the core electrical characteristics of this specific component. | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.56 µH (Microhenries) | | **Tolerance** | ±5% (indicated by the "J" suffix) | | **Form Factor** | Molded Surface Mount (SMD) | | **Standard Size** | Typically 1210 (3225 Metric) | | **Core Material** | Ferrite | | **Testing Frequency** | Typically 25.2 MHz | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying equivalent parts: * **CTM1F**: Series designation (Molded Chip Inductor, typically high-frequency/standard). * **R56**: The inductance value. The "R" acts as a decimal point ($0.56$). * **J**: The tolerance code. $J = \pm5\%$, $K = \pm10\%$, $M = \pm20\%$. --- ## 3. Physical & Material Features * **Molded Construction:** The coil is encapsulated in a hard epoxy resin. This provides excellent mechanical strength and protects the copper windings from moisture and environmental contaminants. * **Ferrite Core:** Used to provide high permeability, allowing for higher inductance values in a small physical footprint while maintaining low DC resistance (DCR). * **Termination:** Usually features tin-plated (Sn) over nickel (Ni) barriers for excellent solderability and resistance to leaching during reflow. --- ## 4. Common Applications Due to its $0.56 \mu H$ value and ±5% precision, this inductor is commonly used in: 1. **RF Circuits:** Impedance matching and signal filtering in wireless communication devices. 2. **Decoupling:** Filtering high-frequency noise from power supply lines to sensitive ICs. 3. **DC-DC Converters:** Small-scale power management where high-speed switching is involved. 4. **Consumer Electronics:** Found in tablets, laptops, and automotive infotainment systems. --- ### Example Circuit Implementation ```c // Inductors like the CTM1F-R56J are used in LC filters // Calculated Cutoff Frequency (f) = 1 / (2 * pi * sqrt(L * C)) L = 0.56uH; // CTM1F-R56J C = 100nF; // Example Capacitor ```
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating (Imax) for the CTM1F series?
    • ⤷ How does the 'R56J' tolerance compare to the 'R56K' version?
    • ⤷ What are the recommended soldering profiles for molded inductors?