công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTM1F-R15J

  • AI
    The **CTM1F-R15J** is a high-performance **Molded Chip Inductor** (Surface Mount Device) designed and manufactured by Central Technologies. It is commonly used in RF (Radio Frequency) and high-frequency signal processing applications. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature. Here is the breakdown of its electrical characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.15 µH | Represented by "R15" | | **Tolerance** | ±5% | Represented by "J" | | **Current Rating (Max)** | 450 mA | Maximum DC current before overheating | | **DC Resistance (Max)** | 0.44 Ω | Internal resistance of the coil | | **Self-Resonant Freq (Min)** | 450 MHz | Frequency where it ceases to be an inductor | | **Q Factor (Min)** | 28 | Quality factor at a test frequency of 25.2 MHz | | **Case Size** | 1210 (EIA) | Physical dimensions: 3.2mm x 2.5mm | --- ### 2. Physical Construction The **CTM1F Series** is characterized by its "Molded" design, which offers several mechanical advantages: * **Encapsulation:** The internal wire coil is encased in a hard epoxy/plastic resin. * **Protection:** Provides excellent resistance to mechanical shock, vibration, and moisture. * **Flat Top:** Designed with a smooth, flat surface optimized for automated pick-and-place high-speed assembly lines. * **Termination:** Features lead-free (RoHS compliant) solderable terminals. --- ### 3. Common Applications Due to its high Q-factor and stable inductance in a small footprint, the CTM1F-R15J is typically found in: 1. **RF Circuits:** Matching networks and high-frequency filters. 2. **Telecommunications:** Signal decoupling in mobile phones and base stations. 3. **Consumer Electronics:** Video cameras, portable gaming devices, and GPS modules. 4. **Oscillators:** Used as a frequency-determining component in LC tank circuits. --- ### 4. Handling and Soldering | Aspect | Recommendation | | :--- | :--- | | **Moisture Sensitivity** | MSL 1 (Unlimited floor life) | | **Soldering Method** | Reflow or Wave Soldering | | **Temperature Range** | -40°C to +125°C (including self-heating) | ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the CTM1F-R15J?
    • ⤷ How does the 'Q factor' impact the performance of this inductor in RF circuits?
    • ⤷ Can this inductor be used in high-power switching power supplies?