công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTM1F-R10J

  • AI
    The **CTM1F-R10J** is a specific electronic component belonging to the family of **molded chip inductors**. It is commonly used in surface-mount technology (SMT) applications for filtering, decoupling, and energy storage in electronic circuits. ### 1. Technical Specifications The part number can be broken down to understand its core characteristics. Below is a detailed breakdown of its specifications: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.1 µH | Represented by "R10" (0.10) | | **Tolerance** | ±5% | Represented by the "J" suffix | | **Case Size** | 1210 (EIA) / 3225 (Metric) | Standard surface mount footprint | | **Material** | Ferrite Core | Provides high permeability for better inductance | | **Mounting Type** | SMD/SMT | Surface Mount Device | | **Construction** | Molded | Protected by a plastic resin for durability | --- ### 2. Key Features * **High Reliability:** The molded construction provides excellent mechanical strength and resistance to environmental factors like humidity and vibration. * **Precision:** The "J" tolerance (5%) makes it suitable for circuits requiring relatively tight control over inductive reactance. * **Compact Footprint:** The 1210 size allows for high-density PCB layouts. * **Frequency Response:** Due to the ferrite core and low inductance value (0.1 µH), it is typically used in high-frequency applications. --- ### 3. Common Applications This inductor is typically found in power management and signal processing circuits: 1. **RF Circuits:** Used for impedance matching or as a high-frequency choke. 2. **DC-DC Converters:** Acts as a small-scale energy storage element or filter to smooth output current. 3. **EMI Suppression:** Filters out high-frequency noise in communication lines. 4. **Decoupling:** Prevents noise from one part of a circuit from affecting another via the power supply. --- ### 4. Part Number Decoder If you are looking at similar parts in this series, here is how the naming convention usually works: | Prefix (CTM1F) | Value (R10) | Tolerance (J) | | :--- | :--- | :--- | | **Series Code:** Molded Ferrite Inductor | **Inductance:** R denotes the decimal point (0.10 µH) | **Tolerance:** J = 5%, K = 10%, M = 20% |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Imax) for the CTM1F-R10J?
    • ⤷ How does a ferrite core inductor differ from a ceramic core inductor in high-frequency applications?
    • ⤷ What are the recommended soldering profiles for 1210 molded inductors?