CTLQ1206NF-R82M
AI

## Electronic Specifications: CTLQ1206NF-R82M
The **CTLQ1206NF-R82M** is a surface-mount (SMD) multi-layer ferrite chip inductor. It is designed for high-density mounting in circuits where space is limited and electromagnetic interference (EMI) suppression is required.
### 1. Key Technical Specifications
Below are the primary electrical characteristics for this specific part number:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **Case Size** | 1206 (3.2mm x 1.6mm) |
| **Test Frequency** | 25 MHz |
| **DC Resistance (DCR) Max** | 0.45 Ω |
| **Rated Current (Imax)** | 200 mA |
| **Self-Resonant Frequency (SRF) Min** | 75 MHz |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the component's physical and electrical properties:
* **CTLQ**: Series designation (Multi-layer Chip Inductor).
* **1206**: Physical dimensions (Length 0.12", Width 0.06").
* **NF**: Non-shielded/Standard Ferrite material.
* **R82**: Inductance value (R = Decimal point; 0.82 µH).
* **M**: Tolerance code (M = ±20%).
---
### 3. Features and Applications
#### Features
* **Monolithic Structure:** Provides high reliability and excellent magnetic shielding to prevent crosstalk.
* **Standard Footprint:** The 1206 package is compatible with standard automated pick-and-place machinery.
* **Frequency Stability:** Designed to maintain stable inductance across its specified frequency range.
#### Common Applications
1. **Noise Suppression:** Used in signal lines to filter out high-frequency noise.
2. **Power Supplies:** Small DC-DC converters for portable electronics.
3. **Communication Devices:** Mobile phones, pagers, and wireless LAN modules.
4. **Consumer Electronics:** Laptops, digital cameras, and tablets.
---
### 4. Typical Impedance vs. Frequency
In ferrite inductors like the **CTLQ1206NF-R82M**, the impedance increases with frequency. At the **Self-Resonant Frequency (SRF)**, the inductor's parasitic capacitance cancels out the inductance, after which the component behaves like a capacitor. For effective filtering, it is best to operate the device well below its 75 MHz SRF.
- ⤷
What are the differences between the 1206 and 0805 versions of this inductor?
- ⤷ Can you explain how the DC resistance affects circuit efficiency in this part?
- ⤷ What is the maximum voltage rating typically associated with these ferrite chips?