công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTLQ1206NF-R15M

  • AI
    The **CTLQ1206NF-R15M** is a surface-mount electronic component, specifically a **Wire-wound Chip Inductor**. It is designed for high-frequency applications where high Q-factors and stable inductance are required. --- ### 1. Key Technical Specifications The part number follows a standard coding convention used by manufacturers like Central Technologies. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.15 µH (150 nH) | | **Tolerance** | ±20% (indicated by "M") | | **Package Size** | 1206 (3.2mm x 1.6mm) | | **Construction** | Wire-wound / Ferrite Core | | **Self-Resonant Frequency (SRF)** | Typically > 400 MHz | | **DC Resistance (DCR)** | Low (approx. 0.20 - 0.40 $\Omega$ max) | | **Rated Current** | Approx. 450mA - 600mA | --- ### 2. Part Number Breakdown Understanding the suffix and prefix helps in identifying the exact variant: * **CTLQ**: Series designation (often indicating a High-Q Ferrite Chip Inductor). * **1206**: The physical dimensions (0.12 x 0.06 inches). * **NF**: Non-shielded / Ferrite core material. * **R15**: The value code. "R" acts as a decimal point, meaning **0.15**. * **M**: The tolerance code, where **M = ±20%**. --- ### 3. Application and Usage This component is primarily used in circuits requiring signal filtering and impedance matching. #### Common Use Cases: 1. **RF Circuits:** Used in oscillators and high-frequency communication equipment. 2. **Filtering:** Effective at suppressing high-frequency noise in power lines or signal paths (EMI/RFI filtering). 3. **Decoupling:** Prevents high-frequency signals from affecting other stages of a circuit. 4. **Mobile Devices:** Due to the small 1206 footprint, it is ideal for space-constrained PCB designs. --- ### 4. Comparison: Wire-wound vs. Multilayer The CTLQ1206NF series is **wire-wound**, which offers specific advantages over multilayer ceramic inductors: * **Higher Q-Factor:** Better efficiency in resonant circuits. * **Higher Current Handling:** Can generally carry more current than equivalent multilayer parts. * **Lower DCR:** Results in less power loss and heat generation.
    ✨ Follow-up Questions
    • ⤷ What are the alternative tolerance ratings for this inductor series?
    • ⤷ How does the temperature coefficient affect the R15M inductance?
    • ⤷ Can this inductor be used in high-speed data line filtering?