công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTLL1005SF-R10S

  • AI
    ### Technical Overview of CTLL1005SF-R10S The **CTLL1005SF-R10S** is a surface-mount (SMD) multilayer chip inductor. It is designed for high-frequency applications, typically found in telecommunications, mobile devices, and RF circuits where signal integrity and miniaturization are critical. --- ### Core Specifications The following table outlines the primary electrical and physical characteristics of this component: | Parameter | Specification | Notes | | :--- | :--- | :--- | | **Inductance** | 0.10 µH (100 nH) | Measured at 25MHz | | **Tolerance** | ±0.3 nH (or ±10%) | "S" suffix indicates tolerance | | **Case Size** | 1005 (Metric) / 0402 (Inch) | 1.0mm x 0.5mm footprint | | **DC Resistance (DCR)** | ~0.55 Ω (Max) | Resistance of the internal coil | | **Rated Current** | ~300 mA | Maximum continuous current | | **Self-Resonant Freq (SRF)** | > 700 MHz | Frequency where it stops behaving as an inductor | | **Material** | Ceramic/Ferrite | Multilayer construction | --- ### Key Features and Construction 1. **Multilayer Technology**: Unlike wire-wound inductors, this part is built by layering conductive patterns and ceramic/ferrite sheets. This results in a monolithic structure that is highly reliable and compact. 2. **Size (0402/1005)**: The extremely small footprint allows for high-density PCB layouts. It is a standard size for modern smartphones and tablets. 3. **Magnetic Shielding**: The multilayer design provides inherent magnetic shielding, reducing electromagnetic interference (EMI) with neighboring components. --- ### Common Applications * **RF Matching Circuits**: Used to match impedance in antenna circuits for Wi-Fi, Bluetooth, and LTE. * **Filtering**: High-frequency noise suppression in power supply lines. * **Decoupling**: Used in high-speed digital circuits to prevent signal noise from entering the power plane. * **Oscillators**: Part of the LC (Inductor-Capacitor) resonance circuits. --- ### Part Number Breakdown (Central Technologies Style) * **CTLL**: Series prefix (Ceramic/Ferrite Multilayer Inductor). * **1005**: Physical dimensions (1.0mm x 0.5mm). * **SF**: Material/Process code. * **R10**: Inductance value ($R10 = 0.10 \mu H$). * **S**: Tolerance code.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between this multilayer inductor and a wire-wound inductor?
    • ⤷ How does the SRF (Self-Resonant Frequency) impact its performance in high-frequency circuits?
    • ⤷ Can this component be used in high-power LED driver circuits?