công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTJC1008-R039J

  • AI
    The **CTJC1008-R039J** is a high-precision, wire-wound surface mount (SMD) inductor. Components with this prefix typically belong to manufacturers like **Central Technologies**, designed for high-frequency applications where stability and performance are critical. --- ## 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CTJC** | Series | High Q, Wire-wound Chip Inductor series. | | **1008** | Case Size | Imperial size 1008 (approx. 2.5mm x 2.0mm). | | **R039** | Inductance | **0.039 µH** (or 39 nH). | | **J** | Tolerance | **±5%** (Standard precision). | --- ## 2. Technical Specifications Below are the typical electrical parameters for this specific part: | Parameter | Value | | :--- | :--- | | **Inductance** | 39 nH (0.039 µH) | | **Tolerance** | ±5% | | **Quality Factor (Q) Min** | 50 - 60 (at specific test frequencies) | | **Self-Resonant Frequency (SRF)** | > 2000 MHz (2.0 GHz) | | **DC Resistance (DCR) Max** | ~0.15 - 0.25 Ohms | | **Rated Current (Idc)** | ~600 - 800 mA | | **Operating Temperature** | -40°C to +125°C | --- ## 3. Core Features and Construction * **Wire-wound Technology:** Unlike multilayer inductors, the wire-wound construction allows for much higher **Q factors** (efficiency) and higher current handling capabilities. * **Ceramic Core:** Usually built on a ceramic body, which provides excellent thermal stability and very high SRF, making it suitable for RF (Radio Frequency) circuits. * **Encapsulation:** Often features a clear epoxy or resin coating to protect the fine copper windings from environmental damage and mechanical stress during pick-and-place assembly. --- ## 4. Typical Applications The CTJC1008-R039J is primarily used in high-frequency communication devices: * **RF Matching Networks:** Tuning circuits in cellular phones and Wi-Fi modules. * **Signal Filtering:** Used in band-pass or low-pass filters to remove noise. * **Oscillators:** Providing stable inductance for VCOs (Voltage Controlled Oscillators). * **Bluetooth & GPS:** Small form factor and high precision make it ideal for portable wireless tech.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q factor affect the performance of an RF circuit?
    • ⤷ What are the equivalent parts from other manufacturers like Coilcraft or Murata?