công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTHSC1008F-R40L

  • AI
    ### CTHSC1008F-R40L Technical Overview The **CTHSC1008F-R40L** is a surface-mount (SMD) wire-wound chip inductor. It is designed for high-frequency applications where high stability and low energy loss are required. --- ### 1. Key Technical Specifications The table below summarizes the primary electrical and physical characteristics: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.40 µH (400 nH) | | **Tolerance** | ±15% (indicated by 'L' suffix) | | **Case Size (EIA)** | 1008 (Metric: 2520) | | **Current Rating (Isat/Irms)** | Approx. 450mA - 650mA (varies by thermal conditions) | | **DC Resistance (DCR)** | Max ~0.50 Ω | | **Self-Resonant Frequency (SRF)** | > 350 MHz | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Composition and Design * **Core Material:** Typically Ceramic or Ferrite based. Ceramic cores offer higher SRF and better "Q" factor at high frequencies, while ferrite cores provide higher inductance density. * **Termination:** Lead-free (RoHS compliant) solder coating (usually Tin/Silver/Copper) for high-reliability mounting. * **Wire-Wound Construction:** Unlike multilayer inductors, the wire-wound design allows for much higher current handling and lower DC resistance in a small footprint. --- ### 3. Part Number Breakdown Understanding the nomenclature helps in identifying variants: 1. **CTHSC:** Series identifier (Ceramic/Ferrite Chip Inductor). 2. **1008:** Physical dimensions (0.10 x 0.08 inches). 3. **F:** Features (often signifies "Ferrite" or "Lead-Free" depending on the manufacturer’s datasheet). 4. **R40:** Inductance value (R = Decimal point; 0.40 µH). 5. **L:** Tolerance code (L = ±15%). --- ### 4. Common Applications * **RF Transceivers:** Used in matching circuits and antenna filters. * **DC-DC Converters:** Acts as an energy storage component in low-power voltage regulators. * **EMI Suppression:** Filters out high-frequency noise in communication lines. * **Mobile Devices:** Used in smartphones and tablets due to the compact 1008 form factor. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a ceramic core and a ferrite core for this part?
    • ⤷ How does the SRF (Self-Resonant Frequency) impact its performance in RF circuits?
    • ⤷ What are the recommended soldering profiles for 1008 size SMD inductors?