công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CT1206CSF-R22G

  • AI
    The **CT1206CSF-R22G** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are primarily used in RF (Radio Frequency) circuits where high precision and high Q-factors are required. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's specific characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CT** | Series Prefix | Central Technologies Ceramic Inductor Series | | **1206** | Case Size | 3.2mm x 1.6mm (0.12 x 0.06 inches) | | **CSF** | Construction | Ceramic core, Standard Footprint | | **-R22** | Inductance Value | **0.22 µH** (220 nH) | | **G** | Tolerance | **±2%** (Precision Grade) | --- ### 2. Technical Specifications This part is designed for high-performance filtering and resonance. * **Inductance:** 220 nH (0.22 µH) * **Tolerance:** ±2% (Very tight tolerance, suitable for tuning circuits) * **Core Material:** Ceramic (Provides excellent thermal stability and high SRF) * **Self-Resonant Frequency (SRF):** Typically high (often > 500 MHz for this value), defining the maximum usable frequency. * **Q-Factor:** High Quality factor, meaning low energy loss at high frequencies. * **DCR (DC Resistance):** Low resistance to minimize power loss and heat generation. --- ### 3. Key Applications Because of its ceramic core and wire-wound construction, this part is used in: 1. **RF Transceivers:** Used in matching networks for antennas. 2. **Filter Networks:** High-pass, low-pass, and band-pass filters in telecommunications. 3. **Oscillators:** Critical for frequency stability in VCOs (Voltage Controlled Oscillators). 4. **Signal Conditioning:** Reducing noise in high-speed data lines. --- ### 4. Physical Dimensions (1206 Package) The 1206 footprint is a standard surface-mount size, making it easy to handle with automated pick-and-place machines. ```text L: 3.2mm [0.126in] W: 1.6mm [0.063in] H: 1.1mm [0.043in] (approx) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q-factor impact the performance of an RF circuit?
    • ⤷ Are there equivalent parts from other manufacturers like Murata or TDK?