công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CT1206CSF-R15M

  • AI
    The **CT1206CSF-R15M** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are primarily used in RF (Radio Frequency) circuits for filtering, impedance matching, and resonance. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CT** | Series Prefix | Ceramic core wire-wound chip inductor series. | | **1206** | Case Size | Imperial size 1206 (approx. 3.2mm x 1.6mm). | | **CSF** | Core Material | Ceramic / Standard Frequency application. | | **R15** | Inductance Value | **0.15 µH** (or 150 nH). | | **M** | Tolerance | **±20%** tolerance on the inductance value. | --- ### 2. Technical Specifications Below are the typical electrical parameters for this specific part: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.15 µH (150 nH) | | **Tolerance** | ±20% | | **Core Material** | Ceramic (Non-magnetic) | | **Max DC Resistance (DCR)** | ~0.45 - 0.60 Ω (typical for this range) | | **Rated Current (Idc)** | ~400 mA - 550 mA | | **Self-Resonant Frequency (SRF)** | > 900 MHz | | **Quality Factor (Q min)** | ~25 - 30 (at specific test frequencies) | --- ### 3. Key Physical Features * **Wire-Wound Construction:** Unlike multilayer inductors, these use a wire coiled around a ceramic body. This allows for higher **Q-factors** (lower loss) and better current handling. * **Ceramic Core:** Provides excellent thermal stability and high SRF, making it ideal for high-frequency signals. * **SMD Form Factor:** The 1206 footprint is relatively large for modern smartphones but provides high physical stability and ease of handling in industrial and automotive electronics. --- ### 4. Common Applications * **RF Matching:** Used in antenna circuits to match impedance and ensure maximum power transfer. * **Filtering:** Employed in Low-Pass, High-Pass, or Band-Pass filters to remove noise from communication signals. * **Signal Decoupling:** Preventing high-frequency noise from entering sensitive power rails in RF modules. * **Oscillators:** Used in LC tank circuits to set specific frequencies.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a ceramic core and a ferrite core inductor?
    • ⤷Can this inductor be used in high-power power supply filtering?
    • ⤷What is the importance of the Self-Resonant Frequency (SRF) in RF design?