công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CT1008LSC-R12K

  • AI
    The **CT1008LSC-R12K** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency applications, RF circuits, and telecommunications equipment where precision and high quality factor ($Q$) are required. ### 1. Component Specifications Below are the technical parameters for the CT1008LSC-R12K: | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 120 nH (0.12 µH) | The nominal inductance value. | | **Tolerance** | ±10% (K) | The allowable deviation from the nominal value. | | **Case Size** | 1008 (EIA) | Physical dimensions: ~2.5mm x 2.0mm. | | **Core Material** | Ceramic | Provides high stability and high Q at high frequencies. | | **Max DC Current** | ~650 mA | The maximum continuous current the part can handle. | | **Max DC Resistance** | 0.46 Ω | The internal resistance of the copper winding. | | **SRF (Min)** | 1100 MHz | Self-Resonant Frequency; the limit of inductive behavior. | --- ### 2. Breakdown of the Part Number The part number can be deciphered as follows: * **CT**: Series prefix (typically Manufacturer specific, like Central Technologies). * **1008**: Package size (Length 0.10" x Width 0.08"). * **LS**: Low Profile / Standard Shielding or winding style. * **C**: Ceramic Core material. * **R12**: Inductance value (R = decimal point; R12 = 0.12µH = 120nH). * **K**: Tolerance code (K = ±10%). --- ### 3. Key Applications Because this component uses a **ceramic core** rather than a ferrite core, it is optimized for high-frequency performance: * **RF Tuning:** Used in resonant circuits for wireless communication. * **Impedance Matching:** Used in antenna circuits to ensure maximum power transfer. * **Filtering:** High-pass or band-pass filters in GPS, Bluetooth, and WLAN modules. * **Decoupling:** Minimizing noise in high-speed signal lines. --- ### 4. Mounting and Handling * **Footprint:** Requires a standard 1008 land pattern. * **Soldering:** Compatible with Reflow and Wave soldering processes. * **Sensitivity:** Wire-wound inductors are sensitive to physical crushing; ensure pick-and-place nozzle pressure is calibrated.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Self-Resonant Frequency (SRF) affect the circuit performance?
    • ⤷ Can I substitute a ±5% (J) tolerance part for this ±10% (K) part?