công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CT0805HT-R27K

  • AI
    The **CT0805HT-R27K** is a specific surface-mount electronic component, primarily categorized as a **Wire-wound Chip Inductor**. It is designed for high-frequency applications where stability and precision are required. ### 1. Part Number Deciphering To understand the part, we can break down the alphanumeric code: | Segment | Meaning | Description | | :--- | :--- | :--- | | **CT** | Series Prefix | Typically identifies the manufacturer's series (High Temperature/High Frequency). | | **0805** | Case Size | Industry standard dimensions: 0.08 x 0.05 inches (2.0 x 1.25 mm). | | **HT** | Type/Feature | Often stands for **H**igh **T**emperature or High Q performance. | | **R27** | Inductance Value | **0.27 µH** (270 nH). The 'R' acts as a decimal point. | | **K** | Tolerance | Indicates a **±10%** tolerance range. | --- ### 2. Technical Specifications While exact specifications can vary slightly by manufacturer (such as Central Technologies), the standard parameters for this type of inductor are as follows: * **Inductance:** 0.27 µH (270 nH). * **Tolerance:** ±10%. * **Quality Factor (Q):** Usually high (typically >40 at specific frequencies), making it efficient for RF circuits. * **Self-Resonant Frequency (SRF):** High frequency (typically in the MHz to GHz range). * **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation. * **Rated Current:** The maximum current it can handle before reaching a specific temperature rise or saturation. --- ### 3. Construction and Material * **Core Material:** Usually ceramic or ferrite. Ceramic cores provide excellent frequency response and a high SRF. * **Winding:** Wire-wound construction involves wrapping a fine copper wire around the core, which offers higher current handling and lower DCR compared to multilayer inductors. * **Termination:** Lead-free (RoHS compliant) solder pads for SMT (Surface Mount Technology) assembly. --- ### 4. Typical Applications The CT0805HT series is commonly found in: 1. **RF Transceivers:** Used in matching circuits and filters. 2. **Wireless Communication:** Essential in Wi-Fi, Bluetooth, and cellular modules. 3. **High-Speed Signal Lines:** Used for EMI suppression and signal integrity. 4. **Power Management:** Localized filtering in DC-DC converters for sensitive high-frequency electronics. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a wire-wound and a multilayer inductor in 0805 size?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in an RF circuit?
    • ⤷ What are the equivalent alternative parts for the CT0805HT series?