công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CT0805HT-R12K

  • AI
    The **CT0805HT-R12K** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are commonly used in RF (Radio Frequency) and wireless communication circuits due to their high "Q" factor and stability. --- ### 1. Key Technical Specifications Based on the part number nomenclature, here are the primary specifications for this component: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 120 nH (0.12 µH) | Denoted by "R12" | | **Tolerance** | ±10% | Denoted by "K" | | **Case Size** | 0805 | 2.0mm x 1.25mm (Imperial) | | **Technology** | Wire-wound | Ceramic core with copper winding | | **Mounting Type** | SMD/SMT | Surface Mount Technology | ### 2. Physical Characteristics * **Construction:** It consists of a ceramic core around which a fine copper wire is wound. The wire is typically terminated at both ends on gold-plated or solder-plated pads. * **Dimensions:** * Length: ~2.00 mm * Width: ~1.25 mm * Height: ~1.20 mm (varies slightly by manufacturer) ### 3. Electrical Performance Features 1. **High Q Factor:** Wire-wound inductors offer significantly higher Quality Factors (Q) compared to multilayer inductors. This means lower energy loss and sharper resonance in filter circuits. 2. **Self-Resonant Frequency (SRF):** Because it is an RF inductor, it is designed to operate at high frequencies. For a 120nH 0805 inductor, the SRF is typically in the range of **1000 MHz to 1500 MHz**. 3. **Current Handling:** These parts are generally rated for a DC current (Idc) between **300mA and 600mA**, depending on the specific manufacturer (like Central Technologies or Coilcraft). ### 4. Applications This specific inductor is found in: * **RF Matching Networks:** Impedance matching for antennas in Wi-Fi or Bluetooth modules. * **Filters:** High-pass, low-pass, and band-pass filters for signal processing. * **Oscillators:** Providing stable inductance for frequency generation. * **Mobile Communication:** Used in cellular base stations and handheld devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between wire-wound and multilayer inductors in RF circuits?
    • ⤷ How does the 'K' tolerance affect circuit performance in filtering applications?
    • ⤷ What is the maximum DC resistance (DCR) typically expected for a 120nH 0805 inductor?