công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CT0805HT-R10K

  • AI
    The **CT0805HT-R10K** is a surface-mount electronic component, specifically a **High-Temperature Wire-Wound Chip Inductor**. It is designed for applications requiring high reliability and stability under thermal stress. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify its specific technical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CT** | Series Type | Ceramic Core Chip Inductor | | **0805** | Case Size | 2.0mm x 1.25mm (Imperial 0805) | | **HT** | Feature | High Temperature (designed for harsh environments) | | **R10** | Inductance Value | 0.10 µH (or 100 nH) | | **K** | Tolerance | ±10% | --- ### 2. Key Technical Specifications Below are the typical electrical and physical parameters for this component: * **Inductance:** 100 nH (0.10 µH) * **Tolerance:** ±10% * **Operating Temperature:** Typically -40°C to +150°C (HT variant) * **Construction:** Wire-wound on a ceramic core. * **Self-Resonant Frequency (SRF):** Generally high, often exceeding 1000 MHz. * **Quality Factor (Q):** High Q factor, making it efficient for RF applications. --- ### 3. Features and Advantages * **Ceramic Core:** Provides excellent signal transparency and low loss at high frequencies compared to ferrite cores. * **Wire-Wound Design:** Offers significantly higher current carrying capacity and lower DC Resistance (DCR) than multilayer inductors. * **Thermal Stability:** The "HT" designation ensures the component maintains its inductive properties even as temperatures rise, preventing "thermal runaway" or performance degradation in automotive or industrial settings. --- ### 4. Common Applications This part is frequently found in high-frequency communication circuits where stability is critical: * **RF Transceivers:** Used in matching networks and filters. * **Automotive Electronics:** Engine control units (ECU) and sensors. * **Mobile Communication:** Base stations and signal boosters. * **Broadband Filtering:** Removing noise from high-speed data lines. --- ### 5. Land Pattern (Footprint) For PCB design, use the standard 0805 (2012 Metric) footprint: ```markdown Dimensions: L: 2.0 mm W: 1.25 mm T: 1.2 mm (approx) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the CT0805HT series?
    • ⤷ How does a ceramic core inductor differ from a ferrite core inductor in RF circuits?
    • ⤷ Can this inductor be used in power supply switching regulators?