công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CT0805HT-R10J

  • AI
    ## Technical Overview of CT0805HT-R10J The **CT0805HT-R10J** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It belongs to the 0805 series, which is a standard industry size for passive components. These components are primarily used in RF (Radio Frequency) circuits where high precision and high Q-factors are required. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its core specifications: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | CT | Ceramic core, wire-wound chip inductor | | **Size** | 0805 | Physical dimensions (0.08 x 0.05 inches) | | **Type** | HT | High Temperature / High Performance | | **Inductance** | R10 | 0.10 µH (or 100 nH) | | **Tolerance** | J | ±5% | --- ### 2. Key Specifications The CT0805HT series is designed for stability across a wide range of frequencies. * **Inductance:** 100 nH (Nanohenries) * **Tolerance:** ±5% * **Quality Factor (Q):** Typically high (Min 45 at 150 MHz) to minimize energy loss. * **Self-Resonant Frequency (SRF):** Typically around 1200 MHz. * **DC Resistance (DCR):** Max 0.46 Ω (Lower resistance allows for better efficiency). * **Rated Current:** ~400 mA (Maximum current it can handle without overheating). * **Operating Temperature:** -40°C to +125°C. --- ### 3. Construction and Materials * **Core Material:** Ceramic. Unlike ferrite cores, ceramic cores do not saturate, making them ideal for high-frequency applications where inductance must remain constant. * **Winding:** Copper wire is wound around the ceramic body and terminated at the ends with metallic pads (usually silver/palladium/platinum with a tin plate). * **Encapsulation:** Often coated with a clear epoxy or resin to protect the wire from mechanical damage and environmental oxidation. --- ### 4. Typical Applications Due to its high Q-factor and stable inductance at high frequencies, this part is commonly used in: 1. **RF Tranceivers:** In matching circuits for antennas. 2. **Filter Networks:** Low-pass, high-pass, and band-pass filters in wireless communication. 3. **Bluetooth/WLAN Modules:** Signal tuning and decoupling. 4. **Oscillators:** To set the frequency of resonance in LC circuits. --- ### 5. Footprint Information The "0805" designation refers to the Imperial measurement: ```text Length: 2.0 mm (0.079 in) Width: 1.2 mm (0.047 in) Height: 1.2 mm (0.047 in) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between ceramic core and ferrite core inductors?
    • ⤷ How does the Q-factor impact the performance of an RF circuit?
    • ⤷ Can this component be used in power supply filtering applications?