công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CT0805HT-R10G

  • AI
    ## Technical Overview: CT0805HT-R10G The **CT0805HT-R10G** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It is specifically designed for high-performance RF (Radio Frequency) applications where high Q-factors and tight tolerances are required. --- ### 1. Key Technical Specifications The alphanumeric code provides specific details about the component's physical and electrical properties: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 100 nH (0.10 µH) | The "R10" indicates the decimal point (0.10). | | **Tolerance** | ±2% (G) | High precision for tuning circuits. | | **Package Size** | 0805 (Inch) | 2.0mm x 1.25mm footprint. | | **Construction** | Wire-wound | Ceramic core with wound copper wire for high Q. | | **Max DC Current** | ~400 mA | The maximum current it can handle without overheating. | | **Self-Resonant Freq** | >1200 MHz | The frequency at which it stops acting as an inductor. | | **Quality Factor (Q)** | 60+ @ 150MHz | Measures the efficiency of the inductor. | --- ### 2. Detailed Part Number Breakdown * **CT**: Series prefix (Commonly associated with Central Technologies or similar manufacturers). * **0805**: Physical dimensions (0.08 x 0.05 inches). * **HT**: High Temperature / High Frequency series designation. * **R10**: Inductance value code (R = decimal point; 100nH). * **G**: Tolerance code (G = ±2%; J = ±5%; K = ±10%). --- ### 3. Core Features and Applications #### Features * **High Q Factor:** Essential for minimizing signal loss in filters and oscillators. * **Ceramic Core:** Provides excellent thermal stability and very high SRF (Self-Resonant Frequency). * **Precision:** The 2% tolerance makes it suitable for narrow-band RF matching. #### Common Applications 1. **RF Matching Networks:** Impedance matching between antennas and transceivers. 2. **LC Filters:** Used in band-pass or low-pass filters for wireless communication. 3. **VCOs:** Voltage Controlled Oscillators requiring stable frequency control. 4. **Bluetooth/WLAN:** High-frequency signal processing in consumer electronics. --- ### 4. Handling and Soldering * **Soldering:** Compatible with standard lead-free reflow soldering profiles. * **Orientation:** As a wire-wound component, orientation can occasionally affect mutual inductance if placed too close to other inductors.
    ✨ Follow-up Questions
    • ⤷What are the differences between wire-wound and multilayer inductors in RF circuits?
    • ⤷ How does the Q-factor impact the performance of a band-pass filter?
    • ⤷ What is the importance of the Self-Resonant Frequency (SRF) in this component?