công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CT0603CSF-R15K

  • AI
    ### Component Overview: CT0603CSF-R15K The **CT0603CSF-R15K** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It is specifically designed for RF (Radio Frequency) applications where high precision and high "Q" factors are required. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 150 nH (Nanohenries) | | **Tolerance** | ±10% (K) | | **Case Size** | 0603 (Inch) / 1608 (Metric) | | **Material** | Ceramic Core (Non-magnetic) | | **DC Resistance (DCR)** | ~0.92 Ω (Max) | | **Rated Current** | ~280 mA | | **Self-Resonant Frequency (SRF)** | ~950 MHz | | **Quality Factor (Q)** | 28 (Min at 100 MHz) | --- ### 2. Part Number Breakdown The part number can be decoded to understand its physical and electrical properties: * **CT**: Series prefix (Ceramic Chip Inductor). * **0603**: Physical size (0.06 x 0.03 inches). * **CSF**: High Q / Standard version designation. * **R15**: Inductance value code ($R = \text{decimal point}$). $0.15 \mu H = 150 nH$. * **K**: Tolerance code ($K = \pm 10\%$). --- ### 3. Key Features & Applications #### Features * **Wire-Wound Construction:** Provides much higher Q-factors and lower DC resistance compared to multilayer inductors. * **Ceramic Body:** Ensures excellent thermal stability and a high self-resonant frequency. * **Small Footprint:** The 0603 package is ideal for high-density PCB designs. #### Common Applications * **RF Circuits:** Used in matching networks and filters for wireless communication. * **Oscillators:** Provides frequency stability in VCO (Voltage Controlled Oscillator) circuits. * **Mobile Devices:** Integrated into smartphones, GPS modules, and Bluetooth transceivers. * **Broadband Systems:** Used for signal conditioning in high-speed data transmission. --- ### 4. Typical Footprint (0603) ```text 0.06" (1.6mm) <---------------> +---------------+ ^ | [Terminal] | | 0.03" | (Wire Coil) | | (0.8mm) | [Terminal] | | +---------------+ v ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q factor affect RF circuit performance?
    • ⤷ Can I replace a 10% tolerance inductor with a 5% tolerance one in this circuit?