công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CT0603CSF-R15G

  • AI
    The **CT0603CSF-R15G** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are primarily used in RF (Radio Frequency) circuits where high precision and high Q-factors are required. --- ## 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specific characteristics of the component: | Code Segment | Meaning | Details | | :--- | :--- | :--- | | **CT** | Series Prefix | Ceramic core, wire-wound chip inductor series. | | **0603** | Case Size | Industry standard size (0.06 x 0.03 inches / 1.6 x 0.8 mm). | | **CSF** | Construction | Ceramic substrate, Standard Ferrite/Form. | | **R15** | Inductance Value | **150 nH** (R represents the decimal point in microhenries). | | **G** | Tolerance | **±2%** (High precision tolerance). | --- ## 2. Technical Specifications The electrical behavior of this inductor is optimized for high-speed communication and signal integrity. ### Electrical Characteristics * **Inductance:** 150 nH * **Tolerance:** ±2% * **Quality Factor (Q min):** ~30 at 150 MHz * **Self-Resonant Frequency (SRF):** Approximately 950 MHz - 1.2 GHz (minimum) * **DC Resistance (DCR max):** ~0.92 Ohms * **Rated Current (Idc):** ~280 mA (varies slightly by manufacturer) ### Physical & Material Properties * **Core Material:** Ceramic (Non-magnetic). This allows for high SRF and excellent thermal stability. * **Winding:** Copper wire wound around the ceramic body, providing better performance than multilayer types. * **Termination:** Typically tin-plated (Pb-free) for RoHS compliance. --- ## 3. Key Applications Because of its wire-wound ceramic construction, this part is ideal for: 1. **RF Matching Networks:** Impedance matching in cellular phones and Wi-Fi modules. 2. **Filters:** Used in band-pass, low-pass, and high-pass filters for signal processing. 3. **VCOs:** Voltage Controlled Oscillators requiring stable inductance. 4. **Bluetooth/WLAN:** High-frequency communication circuits where low signal loss is critical. --- ## 4. Comparison: Wire-Wound vs. Multilayer | Feature | CT0603CSF (Wire-Wound) | Multilayer Inductor | | :--- | :--- | :--- | | **Q-Factor** | High (Efficient) | Low to Moderate | | **Current Handling** | Higher | Lower | | **Tolerance** | Very Tight (up to 2%) | Standard (5-10%) | | **Cost** | Slightly Higher | Lower |
    ✨ Follow-up Questions
    • ⤷ How does the ceramic core affect the self-resonant frequency compared to a ferrite core?
    • ⤷ What are the soldering recommendations for 0603 wire-wound components?
    • ⤷ Can this inductor be used in power supply filtering applications?