CT05-R75K-RC
AI

The **CT05-R75K-RC** is a specific surface-mount electronic component, primarily categorized as a **Fixed Inductor**. Below is a detailed breakdown of its technical specifications and characteristics.
---
## 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's physical and electrical properties:
| Part Segment | Meaning | Details |
| :--- | :--- | :--- |
| **CT** | Series Prefix | Often indicates a specific manufacturer series (e.g., Central Technologies). |
| **05** | Package Size | Represents the physical dimensions (typically EIA 0805 or similar). |
| **R75** | Inductance Value | **0.75 µH** (R acts as the decimal point). |
| **K** | Tolerance | **±10%** |
| **RC** | RoHS Compliant | Indicates the part is Lead-free and meets environmental standards. |
---
## 2. Technical Specifications
While exact values can vary slightly by manufacturer (most commonly associated with Central Technologies), here are the standard parameters for this type of inductor:
### Electrical Properties
* **Inductance:** 0.75 µH
* **Tolerance:** ±10%
* **Core Material:** Typically Ceramic or Ferrite, depending on the specific frequency target.
* **DC Resistance (DCR):** Usually low, designed to minimize power loss.
* **Self-Resonant Frequency (SRF):** High, allowing for use in high-frequency RF applications.
### Physical Characteristics
* **Mounting Type:** Surface Mount (SMD/SMT).
* **Package Case:** 0805 (Imperial units) or 2012 (Metric units).
* **Dimensions:** Approximately 2.0mm x 1.25mm.
---
## 3. Applications and Usage
This part is commonly used in circuits where space is limited and high-frequency stability is required.
* **RF Tuning:** Used in resonant circuits for wireless communication.
* **Filtering:** Acts as a low-pass filter to block high-frequency noise while allowing DC to pass.
* **Decoupling:** Prevents high-frequency signals from interfering with other parts of a power supply rail.
* **Signal Conditioning:** Used in high-speed data lines to maintain signal integrity.
---
## 4. Key Advantages
1. **Miniaturization:** The 0805 footprint is ideal for high-density PCB designs.
2. **High Q Factor:** Often features a high "Quality Factor," meaning it has low energy loss relative to its energy storage.
3. **Environmental Compliance:** The "RC" suffix ensures suitability for modern manufacturing regulations.
- ⤷
What is the maximum current rating (Irms) for this specific inductor?
- ⤷ Can you provide a comparison between 0805 and 0603 inductor sizes?
- ⤷ Which manufacturers are the primary producers of the CT05 series?