CT01-020-R
AI

The **CT01-020-R** is a high-precision, surface-mount (SMD) current transformer manufactured by **Coto Technology** (RedRock). It is specifically designed to provide non-intrusive current sensing in a compact form factor.
---
### ## Technical Specifications
Below are the primary electronic characteristics of the CT01-020-R:
| Parameter | Value / Specification |
| :--- | :--- |
| **Primary Current Range** | 0.1A to 20A |
| **Turns Ratio** | 1:20 (Standard) |
| **Secondary Resistance** | ~0.75 Ω |
| **Frequency Range** | 50Hz to 1kHz |
| **Isolation Voltage** | 2500 Vrms |
| **Mounting Type** | Surface Mount Device (SMD) |
| **Operating Temperature** | -40°C to +125°C |
---
### ## Core Electronic Components & Operation
The functionality of the CT01-020-R relies on three main electronic principles:
1. **Toroidal Core:** The device uses a high-permeability magnetic core. The primary conductor (carrying the current to be measured) passes through the center, while the secondary winding is wrapped around the core.
2. **Electromagnetic Induction:** As AC current flows through the primary wire, it creates a magnetic field. This field induces a proportional current in the secondary winding based on the **1:20 turns ratio**.
3. **Burden Resistor Requirement:** To convert the induced secondary current into a measurable voltage (for an ADC or Microcontroller), an external **burden resistor** must be placed across the secondary terminals.
---
### ## Typical Application Circuit
When integrating this part into a PCB design, the following configuration is standard:
```c
// Simplified logic for calculating Output Voltage
V_out = (I_primary / Turns_Ratio) * R_burden
// Example:
// I_primary = 10A
// Turns_Ratio = 20
// R_burden = 10 Ohms
// V_out = (10 / 20) * 10 = 5V AC
```
### ## Key Features & Advantages
* **High Isolation:** The 2500Vrms rating ensures that the sensitive monitoring electronics are physically and electrically isolated from high-voltage power lines.
* **Compact Footprint:** Unlike traditional through-hole current transformers, the CT01-020-R is designed for automated SMT assembly, saving significant board space.
* **Linearity:** It offers excellent linearity over its rated current range, making it suitable for power metering and over-current protection.
---
- ⤷
How do I calculate the optimal burden resistor value for the CT01-020-R?
- ⤷ What are the footprint dimensions for this specific SMD package?
- ⤷ Can this transformer be used to measure DC current?