CT-6556-R
AI

The **CT-6556-R** is a specific electronic component, typically categorized as a **through-hole vertical cermet trimmer potentiometer**. These components are widely used for "set-and-forget" resistance adjustments on printed circuit boards (PCBs).
Below is a breakdown of its electronic characteristics, specifications, and physical properties.
---
### 1. Technical Specifications
The "CT-6" series is manufactured by Nidec Components (formerly Copal Electronics). The "R" suffix usually denotes the specific terminal pin orientation or packaging style.
| Feature | Specification |
| :--- | :--- |
| **Type** | Single-turn Cermet Trimmer |
| **Adjustment Slot** | Top Adjust (Vertical) |
| **Resistance Range** | 10 $\Omega$ to 2 M$\Omega$ (Variable based on specific part number) |
| **Resistance Tolerance** | ±10% or ±20% |
| **Power Rating** | 0.5 Watts at 70°C |
| **Temperature Coefficient** | ±100 ppm/°C |
| **Operating Temp Range** | -55°C to +125°C |
| **Mechanical Rotation** | 240° (effective electrical angle 210°) |
---
### 2. Core Components and Materials
* **Cermet Element:** The resistive track is made of "Cermet" (a Ceramic-Metal composite). This provides better stability and lower temperature sensitivity compared to carbon-based potentiometers.
* **Wiper:** A multi-finger metal contact that slides across the cermet element to vary the resistance.
* **Housing:** Usually a square, high-temperature plastic (UL94V-0 rated) designed to withstand wave soldering.
* **Sealing:** These units are often "O-ring" sealed, making them washable and resistant to dust and flux during the manufacturing process.
---
### 3. Pin Configuration and Mechanical Drawing
The "6556" designation refers to the specific physical footprint.
* **Pin 1 & 3:** The fixed ends of the resistive element.
* **Pin 2 (Center):** The adjustable "wiper" connected to the adjustment screw.
* **Lead Shape:** Through-hole pins arranged in a triangular or offset pattern to ensure stability on the PCB.
---
### 4. Common Applications
Due to its reliability and precision, the CT-6556-R is found in:
1. **Industrial Controls:** Calibrating sensors or gain levels in amplifiers.
2. **Power Supplies:** Fine-tuning output voltage or current limits.
3. **Medical Equipment:** Adjusting reference voltages in diagnostic tools.
4. **Telecommunications:** Signal balancing and circuit tuning.
- ⤷
What is the difference between the 'R' and 'S' suffixes for this trimmer series?
- ⤷ How do I read the resistance code printed on the top of a CT-6556?
- ⤷ Are there surface-mount (SMD) alternatives to the CT-6556-R?