AI

The **CT-14B-R** is a specific variant of a Micro USB Bluetooth Audio Receiver Module, commonly used for DIY wireless speakers and portable audio projects. It is a cost-effective, low-power solution that integrates Bluetooth connectivity with a dual-channel audio amplifier.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Bluetooth Version** | Bluetooth 4.2 |
| **Operating Voltage** | 3.7V (Lithium Battery) or 5V (Micro USB) |
| **Output Power** | Dual Channel 5W + 5W (Stereo) |
| **Speaker Impedance** | 2Ω - 8Ω (4Ω recommended) |
| **Transmission Range** | ~15 Meters (Open area) |
| **Dimensions** | Approx. 40mm x 20mm |
---
### 2. Main Electronic Components
The board is highly integrated, containing the following primary blocks:
#### A. Bluetooth SoC (System on Chip)
The heart of the module is usually an AC-series Bluetooth chip (like the AC6905 or similar). This chip handles:
* **RF Signal Processing:** Receiving digital audio data from your phone/PC.
* **DAC (Digital-to-Analog Converter):** Converting the digital signal into an analog audio waveform.
#### B. Dual Audio Power Amplifiers
The board typically features two small SMD (Surface Mount Device) ICs, often the **NS4150** or **PAM8403** (or equivalents).
* **Class D Efficiency:** These are Class D amplifiers, which provide high power output with minimal heat generation, ideal for battery-powered devices.
* **Configuration:** Bridged-Tied Load (BTL) output to drive speakers directly without needing output coupling capacitors.
#### C. Power Management
* **Micro USB Port:** Used for 5V power input.
* **Charging Circuit:** Some versions include a basic charging protection circuit, though it is usually recommended to use a protected 18650 battery if connecting via the battery pads.
* **Filter Capacitors:** Electrolytic and ceramic capacitors are used to stabilize voltage and filter out high-frequency noise from the switching amplifier.
---
### 3. Connection Pinout
| Label | Description |
| :--- | :--- |
| **VBAT / + / -** | Connection point for 3.7V Lithium Battery. |
| **L+ / L-** | Left Channel Speaker Output. |
| **R+ / R-** | Right Channel Speaker Output. |
| **Micro USB** | 5V Power Supply Input. |
---
### 4. Implementation Notes
* **Antenna:** The PCB includes a "meander line" copper trace which acts as the Bluetooth antenna. Do not cover this area with metal shielding, as it will severely reduce range.
* **Noise Issues:** If you experience "hissing" or "digital noise," it is often due to an unstable power supply. Adding a 1000uF capacitor across the power input pins can help.
* **Heat Dissipation:** While Class D is efficient, if driving 2Ω speakers at high volume, ensure the module has some airflow.
- ⤷
What is the maximum battery capacity recommended for the CT-14B-R?
- ⤷ Can I use 10W speakers with this module even though it's rated for 5W?
- ⤷ How do I fix Bluetooth pairing issues with this specific board?