CSTCW33M8X53-R0
AI

The **CSTCW33M8X53-R0** is a ceramic resonator from the **CERALOCK®** series manufactured by **Murata Electronics**. It is widely used in microcontrollers and timing circuits as a cost-effective, compact alternative to quartz crystals.
---
### 1. Key Specifications
The following table highlights the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 33.868 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.3% (Over temp range) |
| **Operating Temperature** | -20°C to +80°C |
| **Built-in Load Capacitance** | Yes (approx. 5pF) |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 2.5mm x 2.0mm (W x L) |
---
### 2. Core Features
* **Built-in Capacitors:** Unlike standard crystals that require external load capacitors, this part has internal capacitors. This reduces the component count on the PCB and saves space.
* **High-Frequency Precision:** Operating at 33.868 MHz, it is specifically tuned for high-speed clocking requirements.
* **Small Form Factor:** The "W" in the series name signifies a wash-type, small-scale SMD package, making it ideal for high-density circuit boards.
* **Cost-Effectiveness:** Ceramic resonators are generally more affordable than quartz crystals, though they offer slightly lower frequency stability.
---
### 3. Pin Configuration and Circuitry
The device typically features three pads (terminals). In a standard Pierce oscillator circuit (used by most microcontrollers), the wiring is simplified:
```mermaid
graph LR
A[MCU OSC_IN] --- B[Resonator Pin 1]
C[GND] --- D[Resonator Pin 2 - Center]
E[MCU OSC_OUT] --- F[Resonator Pin 3]
```
* **Pin 1 & 3:** Connected to the oscillator input/output of the IC.
* **Pin 2 (Middle):** Connected to Ground (GND) to utilize the internal load capacitors.
---
### 4. Common Applications
Due to its specific frequency and reliability, it is commonly found in:
1. **Audio/Video Equipment:** The 33.868 MHz frequency is often used in digital audio processing and CD/DVD player clocking.
2. **Microcontrollers:** Serving as the external clock source for high-speed 8-bit or 32-bit MCUs.
3. **Communication Peripherals:** USB or Ethernet controllers that require stable, high-speed timing.
- ⤷
What is the main difference between a ceramic resonator and a quartz crystal in terms of stability?
- ⤷ Can this resonator be used in automotive applications?
- ⤷ How does the built-in capacitance affect the PCB layout design?