công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CSTCW25M0X53-R0

  • AI
    ## Overview of CSTCW25M0X53-R0 The **CSTCW25M0X53-R0** is a high-precision surface-mount **Ceramic Resonator** manufactured by **Murata Electronics**. It belongs to the CERALOCK® family, which uses the mechanical resonance of piezoelectric ceramics to provide stable oscillation frequencies for microcontrollers and other digital circuits. --- ### Technical Specifications | Parameter | Value / Specification | | :--- | :--- | | **Nominal Frequency** | 25.000 MHz | | **Frequency Tolerance** | ±0.5% | | **Frequency Stability** | ±0.3% (over operating temperature) | | **Operating Temperature** | -20°C to +80°C | | **Built-in Capacitance** | 5 pF (Internal Load Capacitors) | | **Package Size** | 2.5mm x 2.0mm (SMD) | | **Resonance Resistance** | 60 $\Omega$ (Maximum) | --- ### Key Internal Components & Features 1. **Piezoelectric Ceramic Element**: The core of the device. It vibrates at a specific frequency (25MHz) when an electrical signal is applied. 2. **Built-in Load Capacitors**: Unlike standard crystals that require two external capacitors (C1 and C2) to complete the oscillation circuit, this part has them **integrated** into the package. 3. **Three-Terminal Design**: * **Input/Output**: Connected to the XTAL pins of the MCU. * **Ground**: The center pin connects to the system ground, serving both capacitors. 4. **Small Form Factor**: The "W" in the series name signifies a small, low-profile package suitable for high-density PCB designs. --- ### Advantages vs. Quartz Crystals * **Cost**: Ceramic resonators are generally less expensive than quartz crystals. * **Startup Time**: They have a significantly faster startup time (often 1/10th to 1/100th that of a crystal). * **Space Savings**: Because the load capacitors are internal, the "footprint" on the PCB is much smaller. * **Durability**: Highly resistant to mechanical vibration and shock. --- ### Common Applications * **Microcontrollers (MCUs)**: Providing the clock signal for high-speed USB-based controllers or general logic. * **Consumer Electronics**: Used in cameras, remote controls, and home appliances. * **Communication Equipment**: Clocking for Ethernet or Wi-Fi modules where extreme frequency precision (like ppm) is not strictly required. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between frequency tolerance and frequency stability for this part?
    • ⤷ Can I use this resonator if my MCU requires 12pF load capacitance?
    • ⤷ How do I solder the center pin of this 3-terminal device?